Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS-593SCQ Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # PS-593SCQ
Description  Resonant Frequency (Hz) 2500 ± 1000
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

PS-593SCQ Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  PS-593SCQ Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mallory Sonalert Products Inc.
Part #
PS-593SCQ
Sales Outline Drawing
Revision
C
4411 South High School Road, Indianapolis, Indiana 46241 USA ● Phone (317) 612-1000 ● Fax (317) 612-1010 ● http://www.mspindy.com
May not be suitable for all medical and aerospace applications.
Specifications: Contact Mallory Sonalert to discuss your application.
Resonant Frequency (Hz)
2500 ± 1000
Operating Voltage (Vdc)
5 ~ 15
Rated Voltage (Vdc)
12
Current Consumption (mA/max)
150 at Rated Voltage
Sound Pressure Level (dB/min)
110 at 100cm at Rated voltage
Tone/Pulse Rate (Hz0
Sweep 3.3 ±20%
Operating Temperature (°C)
-20 ~ +70
Storage Temperature (°C)
-30 ~ +80
Housing
ABS 757 UL94HB plastic resin
(Color: Black)
Lead Wire
20 AWG
Weight (Grams)
79.2
Condition by wave soldering (°C)
245 ±5 / 3±0.5 sec
Condition by hand soldering (°C)
350 ±20 / within 5 sec
Options
For other options contact factory
Dimensions: (units: mm)
PS: Vp-p = 1/2duty, square wave
ROHS Compliant


Similar Part No. - PS-593SCQ

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PS-593SCQ MALLORY-PS-593SCQ Datasheet
79Kb / 1P
Sales Outline Drawing
More results

Similar Description - PS-593SCQ

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS-23558N-L152 CUI-CMS-23558N-L152 Datasheet
367Kb / 4P
550 Hz resonant frequency
CMS-25148N CUI-CMS-25148N Datasheet
480Kb / 4P
1050 Hz resonant frequency
CMS-35208N CUI-CMS-35208N Datasheet
1Mb / 4P
720 Hz resonant frequency
CMS-40558N-L152 CUI-CMS-40558N-L152 Datasheet
551Kb / 4P
500 Hz resonant frequency
CSS-50508N CUI-CSS-50508N Datasheet
1Mb / 4P
380 Hz resonant frequency
CSS-66668N CUI-CSS-66668N Datasheet
420Kb / 4P
200 Hz resonant frequency
logo
Mallory performance clu...
PT-2726WQ MALLORY-PT-2726WQ Datasheet
326Kb / 2P
Resonant Frequency (Hz) 2500 짹 500
logo
Mallory Sonalert Produc...
PT-2725PQ MSPI-PT-2725PQ Datasheet
88Kb / 1P
Resonant Frequency (Hz) 2500 짹 500
PT-2725WQ MSPI-PT-2725WQ Datasheet
97Kb / 1P
Resonant Frequency (Hz) 2500 짹 500
PT-2726PQ MSPI-PT-2726PQ Datasheet
87Kb / 1P
Resonant Frequency (Hz) 2500 짹 500
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com