Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE5205AD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NE5205AD
Description  Wide-band high-frequency amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5205AD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NE5205AD Datasheet HTML 2Page - NXP Semiconductors NE5205AD Datasheet HTML 3Page - NXP Semiconductors NE5205AD Datasheet HTML 4Page - NXP Semiconductors NE5205AD Datasheet HTML 5Page - NXP Semiconductors NE5205AD Datasheet HTML 6Page - NXP Semiconductors NE5205AD Datasheet HTML 7Page - NXP Semiconductors NE5205AD Datasheet HTML 8Page - NXP Semiconductors NE5205AD Datasheet HTML 9Page - NXP Semiconductors NE5205AD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
Product specification
NE/SA/SE5205A
Wide-band high-frequency amplifier
1992 Feb 24
6
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
101
24
6
8 102
24
6
8 103
FREQUENCY—MHz
TA = 25
oC
VCC = 6V
ZO = 75Ω
ZO = 50Ω
.
SR00225
Figure 11. Input VSWR vs Frequency
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
101
24
6
8 102
24
6
8 103
FREQUENCY—MHz
Tamb = 25
oC
VCC = 6V
ZO = 75Ω
ZO = 50Ω
SR00227
Figure 12. Output VSWR vs Frequency
40
35
30
25
20
15
10
1012
4
6
8 1022
4
6 8 103
OUTPUT
INPUT
FREQUENCY—MHz
VCC = 6V
ZO = 50Ω
TA = 25
oC
SR00229
Figure 13. Input (S11) and Output (S22) Return Loss vs
Frequency
VCC = 6V
ZO = 50Ω
TA = 25
oC
10
–15
–20
–25
–30
FREQUENCY—MHz
1012
4
6
8 1022
4
6
8 103
SR00226
Figure 14. Isolation vs Frequency (S12)
15
10
25
20
ZO = 75Ω
TA = 25
oC
vcc = 8v
vcc = 7v
vcc = 6v
vcc = 5v
FREQUENCY—MHz
1012
4
6 8
2
4
6
8
102
103
SR00228
Figure 15. Insertion Gain vs Frequency (S21)
25
20
15
10
ZO = 75Ω
VCC = 6V
TA = –55
oC
TA = 25
oC
TA = 85
oC
TA = 125
oC
FREQUENCY—MHz
101
2
46
8
2
46
8
102
103
SR00230
Figure 16. Insertion Gain vs Frequency (S21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com