Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE5210D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # NE5210D
Description  Transimpedance amplifier 280MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5210D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button NE5210D Datasheet HTML 6Page - NXP Semiconductors NE5210D Datasheet HTML 7Page - NXP Semiconductors NE5210D Datasheet HTML 8Page - NXP Semiconductors NE5210D Datasheet HTML 9Page - NXP Semiconductors NE5210D Datasheet HTML 10Page - NXP Semiconductors NE5210D Datasheet HTML 11Page - NXP Semiconductors NE5210D Datasheet HTML 12Page - NXP Semiconductors NE5210D Datasheet HTML 13Page - NXP Semiconductors NE5210D Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Philips Semiconductors
Product specification
NE5210
Transimpedance amplifier (280MHz)
1995 Apr 26
13
This represents the maximum limit attainable with the NE5210
operating at 200MHz bandwidth, with a half mark/half space digital
transmission at 850nm wavelength.
APPLICATION INFORMATION
Package parasitics, particularly ground lead inductances and
parasitic capacitances, can significantly degrade the frequency
response. Since the NE5210 has differential outputs which can feed
back signals to the input by parasitic package or board layout
capacitances, both peaking and attenuating type frequency
response shaping is possible. Constructing the board layout so that
Ground 1 and Ground 2 have very low impedance paths has
produced the best results. This was accomplished by adding a
ground-plane stripe underneath the device connecting Ground 1,
Pins 8–11, and Ground 2, Pins 1 and 2 on opposite ends of the
SO14 package. This ground-plane stripe also provides isolation
between the output return currents flowing to either VCC2 or Ground
2 and the input photodiode currents to flowing to Ground 1. Without
this ground-plane stripe and with large lead inductances on the
board, the part may be unstable and oscillate near 800MHz. The
easiest way to realize that the part is not functioning normally is to
measure the DC voltages at the outputs. If they are not close to their
quiescent values of 3.3V (for a 5V supply), then the circuit may be
oscillating. Input pin layout necessitates that the photodiode be
physically very close to the input and Ground 1. Connecting Pins 3
and 5 to Ground 1 will tend to shield the input but it will also tend to
increase the capacitance on the input and slightly reduce the
bandwidth.
As with any high-frequency device, some precautions must be
observed in order to enjoy reliable performance. The first of these is
the use of a well-regulated power supply. The supply must be
capable of providing varying amounts of current without significantly
changing the voltage level. Proper supply bypassing requires that a
good quality 0.1
µF high-frequency capacitor be inserted between
VCC1 and VCC2, preferably a chip capacitor, as close to the package
pins as possible. Also, the parallel combination of 0.1
µF capacitors
with 10
µF tantalum capacitors from each supply, VCC1 and VCC2, to
the ground plane should provide adequate decoupling. Some
applications may require an RF choke in series with the power
supply line. Separate analog and digital ground leads must be
maintained and printed circuit board ground plane should be
employed whenever possible.
Figure 4 depicts a 50Mb/s TTL fiber-optic receiver using the BPF31,
850nm LED, the NE5210 and the NE5214 post amplifier.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
LED
CPKDET
THRESH
GNDA
FLAG
JAM
VCCD
VCCA
GNDD
TTLOUT
IN1B
IN1A
CAZP
CAZN
OUT1B
IN8B
OUT1A
IN8A
RHYST
RPKDET
GND
GND
GND
OUT
GND
GND
OUT
VCC
VCC
NC
IIN
NC
GND
GND
R2
220
D1
LED
C9
100pF
100pF
C7
.01
µF
47
µF
C1
C2
GND
+VCC
0.1
µF
R4
4k
R3
47k
VOUT (TTL)
L3
10
µH
L2
10
µH
C11
C10
.01
µF
.01
µF
C13
C12
10
µF
10
µF
C8
L1
10
µH
BPF31
OPTICAL
INPUT
R1
100
C5
1.0
µF
C6
.01
µF
.01
µF
C4
10
µF
C3
NOTE:
The NE5210/NE5217 combination can operate at data rates in excess of 100Mb/s NRZ
The capacitor C7 decreases the NE5210 bandwidth to improve overall S/N ratio in the DC–50MHz band, but does create extra high frequency noise
on the NE5210 VCC pin(s).
SD00330
Figure 4. A 50Mb/s Fiber Optic Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com