Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM-6 Datasheet(PDF) 1 Page - Mimix Broadband

Part # DM-6
Description  TWTA SSPA Replacement Kits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

DM-6 Datasheet(HTML) 1 Page - Mimix Broadband

  DM-6 Datasheet HTML 1Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Harris Farinon DM-6 6 GHz
TWTA SSPA Replacement Kits
Features:
Units operate over the full 5.9-6.4 GHz frequency range
5 and 10 Watt output power levels are available
Simple and easy Installation Instructions are included
Standard 5-Year Warranty
Units
Min
Typ
Max
GHz
5.9
-
6.4
dB
-
-14.0
-9.5
ohms
-
50
-
dB
45.0
50.0
-
dB
-
+/-0.5
+/-1.0
dB
-
8.0
10.0
dBm
-
-12.0
+5.0
dBm
+37.0
+38.0
-
dBc
-
42.0
38.0
dBc
-
-
70.0
dBc
-
-
60.0
o
-20
C
-
+70
0.0
%
-
95
0.0
ft
-
16,000
0.0
ft
-
60,000
-21.0
V
-
-56.0
-
A
4.5
5.0
Min
Typ
Max
5.9
-
6.4
-
-14.0
-9.5
-
50
-
45.0
50.0
-
-
+/-0.5
+/-1.0
-
8.0
10.0
-
-12.0
+5.0
+40.0
+41.0
-
-
42.0
38.0
-
-
70.0
-
-
60.0
-20
-
+70
0.0
-
95
0.0
-
16,000
0.0
-
60,000
-21.0
-
-56.0
-
6.5
7.0
1006093 - 5W
1005390 - 10W
Parameter
Frequency Range
Input Return Loss
Input/Output Impedance
Gain
Gain Flatness
Noise Figure
Input Power
Output Power (P1dB)
Third Order Intermodulation (1)
Spurious
Harmonics
Base Operating T emperature
Humidity (Non-Condensing)
Altitude (Operating)
Altitude (Storage)
DC Power
DC Current @ +12 Volts
o
Electrical Characteristics (T=25 C)
(1) Units meet intermod specifications using 2, 3, or 4 tones at radio stack outputs of +30 dBm - 5W/+33 dBm - 10W.
Mimix Broadband’s SMaRTPAK (Standard Microwave Radio TWT replacement Power Amplifier Kit) amplifiers are
uniquely designed to combine the DC/DC Converter, microwave amplifier and cooling devices into one single
integrated unit. Each unit has been designed using modern device technology and includes reverse polarity,
overvoltage and excess thermal protection. Unlike TWT's and other TWT replacement options, SMaRTPAKs do not
require a separate, bulky and often unreliable power supply.
All units are designed to directly drop-in place of existing TWT or SSPA units with no modifications saving
significant time and effort. Using the proper equipment, unit installations and alignment can typically be done
almost effortlessly in less than an hour. It is recommended that all first time users have a Mimix Broadband
representative present during initial installation. Ask us about our onsite installation and alignment options.
Mimix is confident that you will be pleased with our product and each unit comes with a standard five-year
warranty. If you do not see a part number that covers your desired frequency, power or radio type, feel free to
contact us and we will gladly review your requirements.
Description:
All units accept -21 to -56 VDC input voltage range
Specifications are subject to change without notice. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing
these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws. Revision-02-May-02
Mimix Broadband, Inc. 10795 Rockley Rd. Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com


Similar Part No. - DM-6

ManufacturerPart #DatasheetDescription
logo
Densitron.
DM-066GN-OPUR01 DENSITRON-DM-066GN-OPUR01 Datasheet
3Mb / 3P
UREADY 1RU SINGLE & DUAL MONITOR
logo
Honeywell Solid State E...
DM-10692 HONEYWELL-DM-10692 Datasheet
1Mb / 13P
MICRO SWITCH™ Snap-in Panel Mount Basic Switches
November 2013
logo
Sony Corporation
DM-106B SONY-DM-106B Datasheet
101Kb / 5P
Magnetoresistance Element
logo
Mimix Broadband
DM-11 MIMIX-DM-11 Datasheet
177Kb / 1P
SSPA Replacement Kits
logo
Sony Corporation
DM-111A SONY-DM-111A Datasheet
140Kb / 7P
Magneto-Resistance Element
More results

Similar Description - DM-6

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
MDR-4XU6 MIMIX-MDR-4XU6 Datasheet
179Kb / 1P
SSPA Replacement Kits
MW609E MIMIX-MW609E Datasheet
171Kb / 1P
SSPA Replacement Kits
KTR3A MIMIX-KTR3A Datasheet
169Kb / 1P
SSPA Replacement Kits
MDR-11 MIMIX-MDR-11 Datasheet
177Kb / 1P
SSPA Replacement Kits
TM1800 MIMIX-TM1800 Datasheet
169Kb / 1P
TWTA SSPA Replacement Kits
MDR-8 MIMIX-MDR-8 Datasheet
177Kb / 1P
SSPA Replacement Kits
TM1800 MIMIX-TM1800_1 Datasheet
169Kb / 1P
TWTA SSPA Replacement Kits
MDR-4X06 MIMIX-MDR-4X06 Datasheet
179Kb / 1P
SSPA Replacement Kits
DM-11 MIMIX-DM-11 Datasheet
177Kb / 1P
SSPA Replacement Kits
RD11 MIMIX-RD11 Datasheet
179Kb / 1P
SSPA Replacement Kits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com