Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XD1004-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XD1004-BD
Description  10.0-40.0 GHz GaAs MMIC Distributed Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XD1004-BD Datasheet(HTML) 2 Page - Mimix Broadband

  XD1004-BD Datasheet HTML 1Page - Mimix Broadband XD1004-BD Datasheet HTML 2Page - Mimix Broadband XD1004-BD Datasheet HTML 3Page - Mimix Broadband XD1004-BD Datasheet HTML 4Page - Mimix Broadband XD1004-BD Datasheet HTML 5Page - Mimix Broadband XD1004-BD Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6
Distributed Amplifier Measurements
10.0-40.0 GHz GaAs MMIC
Distributed Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
D1004-BD
December 2006 - Rev 19-Dec-06
XD1004-BD Vd=See Legend, Id=See Legend
2
4
6
8
10
12
14
16
18
20
22
8
10 121416 182022 242628 3032 343638 404244 4648
Frequency (GHz)
Vd=3.0V, Id=100 mA
Vd=4.0V, Id=120 mA
Vd=5.0V, Id=115 mA
XD1004-BD Vd=See Legend, Id=See Legend
-80
-70
-60
-50
-40
-30
-20
-10
0
8
10 1214 16 1820 22 24 262830 32 34 3638 40 4244 4648
Frequency (GHz)
Vd=3.0V, Id=100 mA
Vd=4.0V, Id=120 mA
Vd=5.0V, Id=115 mA
XD1004-BD Vd=See Legend, Id=See Legend
-35
-30
-25
-20
-15
-10
-5
0
8
10 121416 18 2022 24 2628 30 32 3436 38 4042 44 4648
Frequency (GHz)
Vd=3.0V, Id=100 mA
Vd=4.0V, Id=120 mA
Vd=5.0V, Id=115 mA
XD1004-BD Vd=See Legend, Id=See Legend
-40
-35
-30
-25
-20
-15
-10
-5
0
8
10 12 1416 182022 242628 3032 3436 38 40 4244 4648
Frequency (GHz)
Vd=3.0V, Id=100 mA
Vd=4.0V, Id=120 mA
Vd=5.0V, Id=115 mA
XD1004-BD Vd=See Legend, Id=See Legend
0
1
2
3
4
5
6
7
8
9
10
18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
Frequency (GHz)
Vd=3.0V, Id=100 mA
Vd=4.0V, Id=120 mA
Vd=5.0V, Id=115 mA
XD1004-BD Vd=5.0, Id=115 mA
0
1
2
3
4
5
6
7
8
9
10
8
1012
141618
202224
262830
323436
3840
Frequency (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com