Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XD1004-QT Datasheet(PDF) 2 Page - Mimix Broadband

Part # XD1004-QT
Description  10.0-40.0 GHz GaAs MMIC Distributed Amplifier, QFN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XD1004-QT Datasheet(HTML) 2 Page - Mimix Broadband

  XD1004-QT Datasheet HTML 1Page - Mimix Broadband XD1004-QT Datasheet HTML 2Page - Mimix Broadband XD1004-QT Datasheet HTML 3Page - Mimix Broadband XD1004-QT Datasheet HTML 4Page - Mimix Broadband XD1004-QT Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Distributed Amplifier Measurements
Page 2 of 5
10.0-40.0 GHz GaAs MMIC
Distributed Amplifier, QFN
D1004-QT
XD1004-QT Vd=5.0 V, Id=115 mA
0
2
4
6
8
10
12
14
16
18
20
8
10121416
1820222426283032
3436384042
Frequency (GHz)
XD1004-QT Vd=5.0 V, Id=115 mA
-70
-60
-50
-40
-30
-20
-10
0
8
10121416
18202224262830
32
3436384042
Frequency (GHz)
XD1004-QT Vd=5.0 V, Id=115 mA
-30
-25
-20
-15
-10
-5
0
8
10
12
1416
18
202224
26283032
3436
38
4042
Frequency (GHz)
XD1004-QT Vd=5.0 V, Id=115 mA
-25
-20
-15
-10
-5
0
8
1012
14161820
22242628
30323436
384042
Frequency (GHz)
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2007 - Rev 08-Feb-07



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com