Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XL1007-QT Datasheet(PDF) 2 Page - Mimix Broadband

Part # XL1007-QT
Description  3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XL1007-QT Datasheet(HTML) 2 Page - Mimix Broadband

  XL1007-QT Datasheet HTML 1Page - Mimix Broadband XL1007-QT Datasheet HTML 2Page - Mimix Broadband XL1007-QT Datasheet HTML 3Page - Mimix Broadband XL1007-QT Datasheet HTML 4Page - Mimix Broadband XL1007-QT Datasheet HTML 5Page - Mimix Broadband XL1007-QT Datasheet HTML 6Page - Mimix Broadband XL1007-QT Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2 of 7
Low Noise Amplifier Measurements
3.5-8.0 GHz GaAs MMIC
Packaged Low Noise Amplifier
L1007-QT
XL1007-QT
Noise Figure
3V, 40mA
0
0.5
1
1.5
2
2.5
3
3.5
4
456
7
89
10
Frequency (GHz)
NF
XL1007-QT
Small Signal Performance
3V, 40mA
-30
-25
-20
-15
-10
-5
0
5
10
15
20
01
234
5678
9
10
Frequency (GHz)
S21
S11
S22
XL1007-QT
Gain Over Voltage
3V, 40mA
0
2
4
6
8
10
12
14
16
23456789
10
Frequency (GHz)
3V
4V
5V
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2007 - Rev 08-Feb-07



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com