Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM1001-QH Datasheet(PDF) 2 Page - Mimix Broadband

Part # XM1001-QH
Description  10.0-34.0 GHz Image Reject Mixer QFN, 4x4 mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XM1001-QH Datasheet(HTML) 2 Page - Mimix Broadband

  XM1001-QH Datasheet HTML 1Page - Mimix Broadband XM1001-QH Datasheet HTML 2Page - Mimix Broadband XM1001-QH Datasheet HTML 3Page - Mimix Broadband XM1001-QH Datasheet HTML 4Page - Mimix Broadband XM1001-QH Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Mixer Measurements
Page 2 of 5
M1001-QH
XM1001-QH, Conversion Gain
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
10
15
20
25
30
35
40
RF (GHz) [IF=2GHz]
"LSB"
"USB"
XM1001-QH, Image Rejection
-40
-35
-30
-25
-20
-15
-10
-5
0
10
15
20
25
30
35
40
RF (GHz) [IF=2GHz]
"USB"
"LSB"
10.0-34.0 GHz Image Reject Mixer
QFN, 4x4 mm
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2007 - Rev 15-Feb-07



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com