Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM1003-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XM1003-BD
Description  32.0-42.0 GHz GaAs MMIC Image Reject Mixer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XM1003-BD Datasheet(HTML) 2 Page - Mimix Broadband

  XM1003-BD Datasheet HTML 1Page - Mimix Broadband XM1003-BD Datasheet HTML 2Page - Mimix Broadband XM1003-BD Datasheet HTML 3Page - Mimix Broadband XM1003-BD Datasheet HTML 4Page - Mimix Broadband XM1003-BD Datasheet HTML 5Page - Mimix Broadband XM1003-BD Datasheet HTML 6Page - Mimix Broadband XM1003-BD Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Mixer Measurements Down Conversion
Page 2 of 7
32.0-42.0 GHz GaAs MMIC
Image Reject Mixer
XM1003-BD (USB, down conversion, IF=2GHz, PRF=-20dBm, PLO=+12,15 &
18dBm): USB Conversion Loss (dB) vs. RF freq (GHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
26
30
34
38
42
46
50
RF freq (GHz)
12
14
16
18
20
22
24
LO freq (GHz)
Conv Loss, LO Power (dBm)=12, DeviceCoord=R11C5
Conv Loss, LO Power (dBm)=12, DeviceCoord=R12C6
Conv Loss, LO Power (dBm)=12, DeviceCoord=R9C5
Conv Loss, LO Power (dBm)=12, DeviceCoord=R9C7
Conv Loss, LO Power (dBm)=15, DeviceCoord=R11C5
Conv Loss, LO Power (dBm)=15, DeviceCoord=R12C6
Conv Loss, LO Power (dBm)=15, DeviceCoord=R9C5
Conv Loss, LO Power (dBm)=15, DeviceCoord=R9C7
Conv Loss, LO Power (dBm)=18, DeviceCoord=R11C5
Conv Loss, LO Power (dBm)=18, DeviceCoord=R12C6
Conv Loss, LO Power (dBm)=18, DeviceCoord=R9C5
Conv Loss, LO Power (dBm)=18, DeviceCoord=R9C7
XM1003-BD (LSB, down conversion, IF=2GHz, PRF=-20dBm, PLO=+12,15 &
18dBm): LSB Conversion Loss (dB) vs. RF freq (GHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
26
30
34
38
42
46
50
RF freq (GHz)
14
16
18
20
22
24
26
LO freq (GHz)
Conv Loss, LO Power (dBm)=12, DeviceCoord=R11C5
Conv Loss, LO Power (dBm)=12, DeviceCoord=R12C6
Conv Loss, LO Power (dBm)=12, DeviceCoord=R9C5
Conv Loss, LO Power (dBm)=12, DeviceCoord=R9C7
Conv Loss, LO Power (dBm)=15, DeviceCoord=R11C5
Conv Loss, LO Power (dBm)=15, DeviceCoord=R12C6
Conv Loss, LO Power (dBm)=15, DeviceCoord=R9C5
Conv Loss, LO Power (dBm)=15, DeviceCoord=R9C7
Conv Loss, LO Power (dBm)=18, DeviceCoord=R11C5
Conv Loss, LO Power (dBm)=18, DeviceCoord=R12C6
Conv Loss, LO Power (dBm)=18, DeviceCoord=R9C5
Conv Loss, LO Power (dBm)=18, DeviceCoord=R9C7
XM1003-BD (USB, down conversion, IF=2GHz, PRF=-20dBm, PLO=+12,15 &
18dBm): Image Rejection (dBc) vs. RF freq (GHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
26
30
34
38
42
46
50
RF freq (GHz)
12
14
16
18
20
22
24
LO freq (GHz)
Im Rej, LO Power (dBm)=12, DeviceCoord=R11C5
Im Rej, LO Power (dBm)=12, DeviceCoord=R12C6
Im Rej, LO Power (dBm)=12, DeviceCoord=R9C5
Im Rej, LO Power (dBm)=12, DeviceCoord=R9C7
Im Rej, LO Power (dBm)=15, DeviceCoord=R11C5
Im Rej, LO Power (dBm)=15, DeviceCoord=R12C6
Im Rej, LO Power (dBm)=15, DeviceCoord=R9C5
Im Rej, LO Power (dBm)=15, DeviceCoord=R9C7
Im Rej, LO Power (dBm)=18, DeviceCoord=R11C5
Im Rej, LO Power (dBm)=18, DeviceCoord=R12C6
Im Rej, LO Power (dBm)=18, DeviceCoord=R9C5
Im Rej, LO Power (dBm)=18, DeviceCoord=R9C7
XM1003-BD(LSB, down conversion, IF=2GHz, PRF=-20dBm, PLO=+12,15 &
18dBm): Image Rejection (dBc) vs. RF freq (GHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
26
30
34
38
42
46
50
RF freq (GHz)
14
16
18
20
22
24
26
LO freq (GHz)
Conv Loss, LO Power (dBm)=12, DeviceCoord=R11C5
Conv Loss, LO Power (dBm)=12, DeviceCoord=R12C6
Conv Loss, LO Power (dBm)=12, DeviceCoord=R9C5
Conv Loss, LO Power (dBm)=12, DeviceCoord=R9C7
Conv Loss, LO Power (dBm)=15, DeviceCoord=R11C5
Conv Loss, LO Power (dBm)=15, DeviceCoord=R12C6
Conv Loss, LO Power (dBm)=15, DeviceCoord=R9C5
Conv Loss, LO Power (dBm)=15, DeviceCoord=R9C7
Conv Loss, LO Power (dBm)=18, DeviceCoord=R11C5
Conv Loss, LO Power (dBm)=18, DeviceCoord=R12C6
Conv Loss, LO Power (dBm)=18, DeviceCoord=R9C5
Conv Loss, LO Power (dBm)=18, DeviceCoord=R9C7
XM1003-BD (USB, Down Conversion, IF=2GHz, IF1-IF2=100MHz, PRF=-15dBm,
LO=12, 15 & 18 dBm): OIP3 avg (dBm) vs. LO freq (GHz), IIP3 avg (dBm) vs. RF freq (GHz)
-20
-15
-10
-5
0
5
10
15
20
13.5
14
14.5
15
15.5
16
16.5
17
17.5
18
18.5
19
19.5
LO freq (GHz)
29
30
31
32
33
34
35
36
37
38
39
40
41
RF freq (GHz)
OIP3 avg (dBm), LO Power (dBm)=12, DeviceCoord=R12C6
OIP3 avg (dBm), LO Power (dBm)=12, DeviceCoord=R9C5
OIP3 avg (dBm), LO Power (dBm)=12, DeviceCoord=R9C7
OIP3 avg (dBm), LO Power (dBm)=15, DeviceCoord=R12C6
OIP3 avg (dBm), LO Power (dBm)=15, DeviceCoord=R9C5
OIP3 avg (dBm), LO Power (dBm)=15, DeviceCoord=R9C7
OIP3 avg (dBm), LO Power (dBm)=18, DeviceCoord=R12C6
OIP3 avg (dBm), LO Power (dBm)=18, DeviceCoord=R9C5
OIP3 avg (dBm), LO Power (dBm)=18, DeviceCoord=R9C7
IIP3 avg (dBm), LO Power (dBm)=12, DeviceCoord=R12C6
IIP3 avg (dBm), LO Power (dBm)=12, DeviceCoord=R9C5
IIP3 avg (dBm), LO Power (dBm)=12, DeviceCoord=R9C7
IIP3 avg (dBm), LO Power (dBm)=15, DeviceCoord=R12C6
IIP3 avg (dBm), LO Power (dBm)=15, DeviceCoord=R9C5
IIP3 avg (dBm), LO Power (dBm)=15, DeviceCoord=R9C7
IIP3 avg (dBm), LO Power (dBm)=18, DeviceCoord=R12C6
IIP3 avg (dBm), LO Power (dBm)=18, DeviceCoord=R9C5
IIP3 avg (dBm), LO Power (dBm)=18, DeviceCoord=R9C7
XM1003-BD (LSB, Down Conversion, IF=2GHz, IF1-IF2=100MHz, PRF=-15dBm,
LO=12, 15 & 18 dBm): OIP3 avg (dBm) vs. LO freq (GHz), IIP3 avg (dBm) vs. RF freq (GHz)
-20
-15
-10
-5
0
5
10
15
20
25
15.5
16
16.5
17
17.5
18
18.5
19
19.5
20
20.5
21
21.5
LO freq (GHz)
29
31
33
35
37
39
41
RF freq (GHz)
OIP3 avg (dBm), LO Power (dBm)=12, DeviceCoord=R12C6
OIP3 avg (dBm), LO Power (dBm)=12, DeviceCoord=R9C5
OIP3 avg (dBm), LO Power (dBm)=12, DeviceCoord=R9C7
OIP3 avg (dBm), LO Power (dBm)=15, DeviceCoord=R12C6
OIP3 avg (dBm), LO Power (dBm)=15, DeviceCoord=R9C5
OIP3 avg (dBm), LO Power (dBm)=15, DeviceCoord=R9C7
OIP3 avg (dBm), LO Power (dBm)=18, DeviceCoord=R12C6
OIP3 avg (dBm), LO Power (dBm)=18, DeviceCoord=R9C5
OIP3 avg (dBm), LO Power (dBm)=18, DeviceCoord=R9C7
IIP3 avg (dBm), LO Power (dBm)=12, DeviceCoord=R12C6
IIP3 avg (dBm), LO Power (dBm)=12, DeviceCoord=R9C5
IIP3 avg (dBm), LO Power (dBm)=12, DeviceCoord=R9C7
IIP3 avg (dBm), LO Power (dBm)=15, DeviceCoord=R12C6
IIP3 avg (dBm), LO Power (dBm)=15, DeviceCoord=R9C5
IIP3 avg (dBm), LO Power (dBm)=15, DeviceCoord=R9C7
IIP3 avg (dBm), LO Power (dBm)=18, DeviceCoord=R12C6
IIP3 avg (dBm), LO Power (dBm)=18, DeviceCoord=R9C5
IIP3 avg (dBm), LO Power (dBm)=18, DeviceCoord=R9C7
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
M1003-BD
February 2007 - Rev 16-Feb-07



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com