Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM1005-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XM1005-BD
Description  37.0-46.0 GHz GaAs MMIC Balanced Image Reject Mixer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XM1005-BD Datasheet(HTML) 2 Page - Mimix Broadband

  XM1005-BD Datasheet HTML 1Page - Mimix Broadband XM1005-BD Datasheet HTML 2Page - Mimix Broadband XM1005-BD Datasheet HTML 3Page - Mimix Broadband XM1005-BD Datasheet HTML 4Page - Mimix Broadband XM1005-BD Datasheet HTML 5Page - Mimix Broadband XM1005-BD Datasheet HTML 6Page - Mimix Broadband XM1005-BD Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Mixer Measurements Down Conversion
Page 2 of 7
37.0-46.0 GHz GaAs MMIC
Balanced Image Reject Mixer
WP3 67_067A A102_XM1005-BD (L SB, Down Conversion , IF= 2GH z, PR F=-10dBm , PL O=+9, + 12 and
+15dBm , VG 1B= -1.2V): LS B Conversio n g ain ( dB) vs . R F freq ( G Hz) and
Image Rejection ( dBc) vs . L O freq (G Hz)
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
34
35
36
37
38
39
40
41
42
43
RF fr eq (GHz)
36
37
38
39
40
41
42
43
44
45
LO (GH z)
C L, P LO(dB m)=9, R C =R10C 11
C L, P LO(dB m)=9, R C =R10C 14
C L, P LO(dB m)=9, R C =R11C 11
C L, P LO(dB m)=9, R C =R12C 13
C L, P LO(dB m)=9, R C =R13C 10
C L, P LO(dB m)=12, R C =R 10C11
C L, P LO(dB m)=12, R C =R 10C14
C L, P LO(dB m)=12, R C =R 11C11
C L, P LO(dB m)=12, R C =R 12C13
C L, P LO(dB m)=12, R C =R 13C10
C L, P LO(dB m)=15, R C =R 10C11
C L, P LO(dB m)=15, R C =R 10C14
C L, P LO(dB m)=15, R C =R 11C11
C L, P LO(dB m)=15, R C =R 12C13
C L, P LO(dB m)=15, R C =R 13C10
IR , P LO(dB m)=9, R C =R 10C 11
IR , P LO(dB m)=9, R C =R 10C 14
IR , P LO(dB m)=9, R C =R 11C 11
IR , P LO(dB m)=9, R C =R 12C 13
IR , P LO(dB m)=9, R C =R 13C 10
IR , P LO(dB m)=12, R C =R 10C 11
IR , P LO(dB m)=12, R C =R 10C 14
IR , P LO(dB m)=12, R C =R 11C 11
IR , P LO(dB m)=12, R C =R 12C 13
IR , P LO(dB m)=12, R C =R 13C 10
IR , P LO(dB m)=15, R C =R 10C 11
IR , P LO(dB m)=15, R C =R 10C 14
IR , P LO(dB m)=15, R C =R 11C 11
IR , P LO(dB m)=15, R C =R 12C 13
IR , P LO(dB m)=15, R C =R 13C 10
WP367_067AA102_XM1005-BD (USB, Down Conversion, IF=2GHz, P R F=-10dBm, PLO= +9, + 12 and
+15dBm, VG1B=-1.2V): USB Convers ion gain (dB) vs . RF freq (GHz) and
Image Rejection (dBc ) v s . LO freq (GHz)
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
36
37
38
39
40
41
42
43
44
45
46
47
R F freq (GH z)
34
35
36
37
38
39
40
41
42
43
44
45
LO fr eq (GH z)
CG , PLO ( dBm )=9, RC =R 10C1 1
CG , PLO ( dBm )=9, RC =R 10C1 4
CG , PLO ( dBm )=9, RC =R 11C1 1
CG , PLO ( dBm )=9, RC =R 12C1 3
CG , PLO ( dBm )=9, RC =R 13C1 0
CG , PLO (dBm )=12, RC= R1 0C 11
CG , PLO (dBm )=12, RC= R1 0C 14
CG , PLO (dBm )=12, RC= R1 1C 11
CG , PLO (dBm )=12, RC= R1 2C 13
CG , PLO (dBm )=12, RC= R1 3C 10
CG , PLO (dBm )=15, RC= R1 0C 11
CG , PLO (dBm )=15, RC= R1 0C 14
CG , PLO (dBm )=15, RC= R1 1C 11
CG , PLO (dBm )=15, RC= R1 2C 13
CG , PLO (dBm )=15, RC= R1 3C 10
IR , P LO (dB m)=9, RC =R 10C1 1
IR , P LO (dB m)=9, RC =R 10C1 4
IR , P LO (dB m)=9, RC =R 11C1 1
IR , P LO (dB m)=9, RC =R 12C1 3
IR , P LO (dB m)=9, RC =R 13C1 0
IR , P LO (dB m)=12, R C =R 10C 11
IR , P LO (dB m)=12, R C =R 10C 14
IR , P LO (dB m)=12, R C =R 11C 11
IR , P LO (dB m)=12, R C =R 12C 13
IR , P LO (dB m)=12, R C =R 13C 10
IR , P LO (dB m)=15, R C =R 10C 11
IR , P LO (dB m)=15, R C =R 10C 14
IR , P LO (dB m)=15, R C =R 11C 11
IR , P LO (dB m)=15, R C =R 12C 13
IR , P LO (dB m)=15, R C =R 13C 10
WP367 _067A A102_XM1005-BD_5dev ices (USB, D own C onv, IF= 2GHz, PLO= +9, + 12 & + 15dBm,
VG1B =-1.2V): IP1dB v s . RF( G Hz)
-25
-20
-15
-10
-5
0
35
36
37
38
39
40
41
42
43
RF (G Hz)
37
38
39
40
41
42
43
44
45
LO (G Hz)
IIP1 , PL O ( dBm )=9, R C =R 10C 11
IIP1 , PL O ( dBm )=9, R C =R 10C 14
IIP1 , PL O ( dBm )=9, R C =R 11C 11
IIP1 , PL O ( dBm )=9, R C =R 12C 13
IIP1 , PL O ( dBm )=9, R C =R 13C 10
IIP1 , PL O ( dBm )=12, R C =R 10C 11
IIP1 , PL O ( dBm )=12, R C =R 10C 14
IIP1 , PL O ( dBm )=12, R C =R 11C 11
IIP1 , PL O ( dBm )=12, R C =R 12C 13
IIP1 , PL O ( dBm )=12, R C =R 13C 10
IIP1 , PL O ( dBm )=15, R C =R 10C 11
IIP1 , PL O ( dBm )=15, R C =R 10C 14
IIP1 , PL O ( dBm )=15, R C =R 11C 11
IIP1 , PL O ( dBm )=15, R C =R 12C 13
IIP1 , PL O ( dBm )=15, R C =R 13C 10
OIP 1, P L O (dB m)=9, R C =R 10C 11
OIP 1, P L O (dB m)=9, R C =R 10C 14
OIP 1, P L O (dB m)=9, R C =R 11C 11
OIP 1, P L O (dB m)=9, R C =R 12C 13
OIP 1, P L O (dB m)=9, R C =R 13C 10
OIP 1, P L O (dB m)=12, RC =R 10C 11
OIP 1, P L O (dB m)=12, RC =R 10C 14
OIP 1, P L O (dB m)=12, RC =R 11C 11
OIP 1, P L O (dB m)=12, RC =R 12C 13
OIP 1, P L O (dB m)=12, RC =R 13C 10
OIP 1, P L O (dB m)=15, RC =R 10C 11
OIP 1, P L O (dB m)=15, RC =R 10C 14
OIP 1, P L O (dB m)=15, RC =R 11C 11
OIP 1, P L O (dB m)=15, RC =R 12C 13
OIP 1, P L O (dB m)=15, RC =R 13C 10
WP3 67_067AA102_XM1005-BD_5 devic es (L SB , D own C onv, IF =2GH z, PL O=+9, + 12 & +15dB m,
VG 1B =-1.2V): IP1 dB vs . R F(G Hz)
-25
-20
-15
-10
-5
0
35
36
37
38
39
40
41
42
43
RF (G Hz)
33
34
35
36
37
38
39
40
41
LO (G Hz)
IIP 1, P LO (dB m)=9, R C =R 10C11
IIP 1, P LO (dB m)=9, R C =R 10C14
IIP 1, P LO (dB m)=9, R C =R 11C11
IIP 1, P LO (dB m)=9, R C =R 12C13
IIP 1, P LO (dB m)=9, R C =R 13C10
IIP 1, P LO (dB m)=12, RC= R 10C1 1
IIP 1, P LO (dB m)=12, RC= R 10C1 4
IIP 1, P LO (dB m)=12, RC= R 11C1 1
IIP 1, P LO (dB m)=12, RC= R 12C1 3
IIP 1, P LO (dB m)=12, RC= R 13C1 0
IIP 1, P LO (dB m)=15, RC= R 10C1 1
IIP 1, P LO (dB m)=15, RC= R 10C1 4
IIP 1, P LO (dB m)=15, RC= R 11C1 1
IIP 1, P LO (dB m)=15, RC= R 12C1 3
IIP 1, P LO (dB m)=15, RC= R 13C1 0
OIP1 , PL O ( dBm )=9, R C =R 10 C 11
OIP1 , PL O ( dBm )=9, R C =R 10 C 14
OIP1 , PL O ( dBm )=9, R C =R 11 C 11
OIP1 , PL O ( dBm )=9, R C =R 12 C 13
OIP1 , PL O ( dBm )=9, R C =R 13 C 10
OIP 1, P LO ( dB m)=12, R C =R 10C 11
OIP 1, P LO ( dB m)=12, R C =R 10C 14
OIP 1, P LO ( dB m)=12, R C =R 11C 11
OIP 1, P LO ( dB m)=12, R C =R 12C 13
OIP 1, P LO ( dB m)=12, R C =R 13C 10
OIP 1, P LO ( dB m)=15, R C =R 10C 11
OIP 1, P LO ( dB m)=15, R C =R 10C 14
OIP 1, P LO ( dB m)=15, R C =R 11C 11
OIP 1, P LO ( dB m)=15, R C =R 12C 13
OIP 1, P LO ( dB m)=15, R C =R 13C 10
WP367_067A A102_XM1005-BD (USB , Down Conv, IF = 2GHz , R F1-R F2=100MHz, PR F=-7dB m,
VG 1B =-1.3V): IIP 3 a vg (d Bm) & OI P3 a vg (dBm) vs . RF fre q (G Hz) & LO freq (GH z)
0
5
10
15
20
25
30
35
35
36
37
38
39
40
41
42
43
44
RF f req f2 (G Hz)
33
34
35
36
37
38
39
40
41
42
LO freq ( G Hz)
IIP 3, PLO ( dBm) =9, RC =R1 0C1 1
IIP 3, PLO ( dBm) =9, RC =R1 0C1 4
IIP 3, PLO ( dBm) =9, RC =R1 1C1 1
IIP 3, PLO ( dBm) =9, RC =R1 2C1 3
IIP 3, PLO ( dBm) =9, RC =R1 3C1 0
IIP 3, PLO (dBm )=12, R C =R 10C 11
IIP 3, PLO (dBm )=12, R C =R 10C 14
IIP 3, PLO (dBm )=12, R C =R 11C 11
IIP 3, PLO (dBm )=12, R C =R 12C 13
IIP 3, PLO (dBm )=12, R C =R 13C 10
IIP 3, PLO (dBm )=15, R C =R 10C 11
IIP 3, PLO (dBm )=15, R C =R 10C 14
IIP 3, PLO (dBm )=15, R C =R 11C 11
IIP 3, PLO (dBm )=15, R C =R 12C 13
IIP 3, PLO (dBm )=15, R C =R 13C 10
OIP3, PLO (dBm )=9, RC= R 10C 11
OIP3, PLO (dBm )=9, RC= R 10C 14
OIP3, PLO (dBm )=9, RC= R 11C 11
OIP3, PLO (dBm )=9, RC= R 12C 13
OIP3, PLO (dBm )=9, RC= R 13C 10
OIP3, PLO (dBm )=12, RC= R10 C 11
OIP3, PLO (dBm )=12, RC= R10 C 14
OIP3, PLO (dBm )=12, RC= R11 C 11
OIP3, PLO (dBm )=12, RC= R12 C 13
OIP3, PLO (dBm )=12, RC= R13 C 10
OIP3, PLO (dBm )=15, RC= R10 C 11
OIP3, PLO (dBm )=15, RC= R10 C 14
OIP3, PLO (dBm )=15, RC= R11 C 11
OIP3, PLO (dBm )=15, RC= R12 C 13
OIP3, PLO (dBm )=15, RC= R13 C 10
WP 367_067AA102_XM1005-BD ( L S B, Down C onv, IF = 2G Hz, R F1-RF 2=100MHz, PR F=-7dB m,
VG 1B =-1.3V): IIP3 a vg (d Bm ) & O IP 3 a vg (d Bm ) v s . RF freq ( G Hz) & L O fre q (G Hz)
0
5
10
15
20
25
30
35
36
37
38
39
40
41
42
43
44
RF freq f1 ( G Hz)
37
38
39
40
41
42
43
44
45
46
LO fre q (G Hz)
IIP3 , PL O (dBm )=9, R C =R 10C1 1
IIP3 , PL O (dBm )=9, R C =R 10C1 4
IIP3 , PL O (dBm )=9, R C =R 11C1 1
IIP3 , PL O (dBm )=9, R C =R 12C1 3
IIP3 , PL O (dBm )=9, R C =R 13C1 0
IIP3 , PL O ( dBm )=12, R C =R1 0C 11
IIP3 , PL O ( dBm )=12, R C =R1 0C 14
IIP3 , PL O ( dBm )=12, R C =R1 1C 11
IIP3 , PL O ( dBm )=12, R C =R1 2C 13
IIP3 , PL O ( dBm )=12, R C =R1 3C 10
IIP3 , PL O ( dBm )=15, R C =R1 0C 11
IIP3 , PL O ( dBm )=15, R C =R1 0C 14
IIP3 , PL O ( dBm )=15, R C =R1 1C 11
IIP3 , PL O ( dBm )=15, R C =R1 2C 13
IIP3 , PL O ( dBm )=15, R C =R1 3C 10
OIP3 , PL O ( dBm )=9, RC =R 10C 11
OIP3 , PL O ( dBm )=9, RC =R 10C 14
OIP3 , PL O ( dBm )=9, RC =R 11C 11
OIP3 , PL O ( dBm )=9, RC =R 12C 13
OIP3 , PL O ( dBm )=9, RC =R 13C 10
OI P 3, P LO (d B m)=12 , RC =R10 C11
OI P 3, P LO (d B m)=12 , RC =R10 C14
OI P 3, P LO (d B m)=12 , RC =R11 C11
OI P 3, P LO (d B m)=12 , RC =R12 C13
OI P 3, P LO (d B m)=12 , RC =R13 C10
OI P 3, P LO (d B m)=15 , RC =R10 C11
OI P 3, P LO (d B m)=15 , RC =R10 C14
OI P 3, P LO (d B m)=15 , RC =R11 C11
OI P 3, P LO (d B m)=15 , RC =R12 C13
OI P 3, P LO (d B m)=15 , RC =R13 C10
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
M1005-BD
February 2007 - Rev 16-Feb-07



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com