Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM1006-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XM1006-BD
Description  13.0-25.0 GHz GaAs MMIC Image Reject Mixer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XM1006-BD Datasheet(HTML) 2 Page - Mimix Broadband

  XM1006-BD Datasheet HTML 1Page - Mimix Broadband XM1006-BD Datasheet HTML 2Page - Mimix Broadband XM1006-BD Datasheet HTML 3Page - Mimix Broadband XM1006-BD Datasheet HTML 4Page - Mimix Broadband XM1006-BD Datasheet HTML 5Page - Mimix Broadband XM1006-BD Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Mixer Measurements
Page 2 of 6
2902_XM1006-BD:USB conversion gain vs. RF freq
LO=16dBm, IF=2GHz, RF=-20dBm
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
10
12
14
16
18
20
22
24
26
28
RF freq (GHz)
2 902_ 0327 _R2C 2_USB_16 0220 04_1 623.mix
2 902_ 0327 _R5C 5_USB_16 0220 04_1 634.mix
2 902_ 0327 _R3C 3_USB_16 0220 04_1 630.mix
2 902_ 0327 _R2C 6_USB_16 0220 04_1 627.mix
2 902_ 0327 _R6C 2_USB_16 0220 04_1 637.mix
2902_XM1006-BD:LSB conversion gain vs. RF freq
LO=16dBm, IF=2GHz, RF=-20dBm
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
8
1012
14
161820
22
24
RF freq (GHz)
2 902_ 0327 _R2C 2_LSB_16 0220 04_1 642.mix
2 902_ 0327 _R5C 5_LSB_16 0220 04_1 652.mix
2 902_ 0327 _R3C 3_LSB_16 0220 04_1 648.mix
2 902_ 0327 _R2C 6_LSB_16 0220 04_1 645.mix
2 902_ 0327 _R6C 2_LSB_16 0220 04_1 655.mix
2902_XM1006-BD: image rejection vs. RF freq
LO=16dBm, IF=2GHz, RF=-20dBm
-40
-35
-30
-25
-20
-15
-10
-5
0
10
12
14
16
18
20
22
24
26
28
RF freq (GHz)
2 902_ 0327 _R2C 2_USB_16 0220 04_1 623.mix
2 902_ 0327 _R5C 5_USB_16 0220 04_1 634.mix
2 902_ 0327 _R3C 3_USB_16 0220 04_1 630.mix
2 902_ 0327 _R2C 6_USB_16 0220 04_1 627.mix
2 902_ 0327 _R6C 2_USB_16 0220 04_1 637.mix
2902_XM1006-BD: image rejection vs. RF freq
LO=16dBm, IF=2GHz, RF=-20dBm
-40
-35
-30
-25
-20
-15
-10
-5
0
8
1012
14
161820
22
24
RF freq (GHz)
2 902_ 0327 _R2C 2_LSB_16 0220 04_1 642.mix
2 902_ 0327 _R5C 5_LSB_16 0220 04_1 652.mix
2 902_ 0327 _R3C 3_LSB_16 0220 04_1 648.mix
2 902_ 0327 _R2C 6_LSB_16 0220 04_1 645.mix
2 902_ 0327 _R6C 2_LSB_16 0220 04_1 655.mix
13.0-25.0 GHz GaAs MMIC
Image Reject Mixer
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
M1006-BD
February 2007 - Rev 26-Feb-07



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com