Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISCF8022 Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # ISCF8022
Description  SiC N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCF8022 Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  ISCF8022 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCF8022 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCF8022 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISCF8022 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ISCF8022
eq IMZA120R030M1H
SiC N-Channel MOSFET
www.iscsemi.com
3
BODY DIODE CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VSD
Diode Forward Voltage
ISD= 20A; VGS= -4V; TJ= 25℃
-
5.3
-
V
ISD= 20A; VGS= -4V; TJ= 175℃
-
4.8
-
trr
Reverse Recovery Time
VR = 800 V,
ID = 33.3 A,
VGS = 0 V,
di/dt = 1070 A/µs,
TJ= 25℃
-
55
-
ns
Qrr
Reverse Recovery Charge
-
288
-
nC
Package Dimensions (UNIT: MM):
TO-247-4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com