Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GA0571M Datasheet(PDF) 1 Page - CUI Devices

Part # GA0571M
Description  SPEAKER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

GA0571M Datasheet(HTML) 1 Page - CUI Devices

  GA0571M Datasheet HTML 1Page - CUI Devices GA0571M Datasheet HTML 2Page - CUI Devices GA0571M Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 08/05/2022
page 1 of 3
MODEL: GA0571M | DESCRIPTION: SPEAKER
cuidevices.com
FEATURES
• 57 mm
• round frame
• 0.25 W, 8 Ohm
• AlNiCo magnet
• PET cone
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
input power
max power: 1 second on, 59 seconds off, 60 cycles
0.3
0.5
W
impedance
at 0.8 kHz, 1.0 V
6.8
8
9.2
resonant frequency (Fo)
at F0 Hz, 1.0 V
360
450
540
Hz
frequency response
F0
9,000
Hz
sound pressure level
at 0.3 W, 50 cm, avg at 0.5, 0.7, 0.9, 1.0 kHz
80
83
86
dB
buzz, rattle, etc.
must be normal at sine wave
1.41
V
dimensions
Ø57 x 20
mm
magnet
AlNiCo
cone material
PET
terminal
solder eyelets
RoHS
yes
Notes:
1. All specifications measured at 15~35°C, humidity at 25~75%, under 86~106 kPa pressure, unless otherwise noted.
Additional Resources: Product Page | 3D Model


Similar Part No. - GA0571M

ManufacturerPart #DatasheetDescription
logo
CUI INC
GA0571 CUI-GA0571 Datasheet
240Kb / 2P
Round frame paper cone - alnico magnet
logo
CUI Devices
GA0571 CUID-GA0571 Datasheet
1Mb / 3P
SPEAKER
08/05/2022
GA0571H CUID-GA0571H Datasheet
791Kb / 3P
SPEAKER
08/05/2022
More results

Similar Description - GA0571M

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS0361KLX CUI-CMS0361KLX Datasheet
224Kb / 2P
speaker
logo
Projects Unlimited, Inc...
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
Speaker
AS01708MR-SC-R PUI-AS01708MR-SC-R Datasheet
243Kb / 1P
Speaker
AS01808MR-R PUI-AS01808MR-R Datasheet
251Kb / 1P
Speaker
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
Speaker
AS02804MR-R PUI-AS02804MR-R Datasheet
265Kb / 1P
Speaker
AS03008MR-R PUI-AS03008MR-R Datasheet
313Kb / 1P
Speaker
AS03508CO-7-R PUI-AS03508CO-7-R Datasheet
235Kb / 1P
Speaker
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
Bel Fuse Inc.
CLS0201MA-L152 BEL-CLS0201MA-L152 Datasheet
186Kb / 2P
SPEAKER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com