Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GA0701 Datasheet(PDF) 1 Page - CUI Devices

Part # GA0701
Description  SPEAKER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

GA0701 Datasheet(HTML) 1 Page - CUI Devices

  GA0701 Datasheet HTML 1Page - CUI Devices GA0701 Datasheet HTML 2Page - CUI Devices GA0701 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 08/05/2022
page 1 of 3
MODEL: GA0701 | DESCRIPTION: SPEAKER
cuidevices.com
FEATURES
• 70 mm round frame
• 8 Ω impedance
• rated 0.5 W
• AlNiCo magnet
• paper cone
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
input power
0.5
1.0
W
impedance
at 800 Hz, 1 V
6.8
8
9.2
Ω
resonant frequency (Fo)
at Fo, 1 V
224
280
336
Hz
frequency response
Fo
5,000
Hz
sound pressure level
at 0.5 W, 50 cm, avg at 1.0, 1.4, 1.7, 2.0 kHz
90
93
96
dB
buzz, rattle, etc.
must be normal at sine wave, frequency range
2.0
V
dimensions
Ø70 x 22.5
mm
magnet
AlNiCo
cone material
paper
terminal
solder eyelets
weight
46
g
RoHS
yes
Additional Resources: Product Page | 3D Model


Similar Part No. - GA0701

ManufacturerPart #DatasheetDescription
logo
CUI INC
GA0701 CUI-GA0701 Datasheet
172Kb / 2P
Round frame paper cone - alnico magnet
GA0701M CUI-GA0701M Datasheet
223Kb / 2P
Round frame mylar cone - alnico magnet
logo
CUI Devices
GA0701M CUID-GA0701M Datasheet
663Kb / 3P
SPEAKER
08/05/2022
More results

Similar Description - GA0701

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS0361KLX CUI-CMS0361KLX Datasheet
224Kb / 2P
speaker
logo
Projects Unlimited, Inc...
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
Speaker
AS01708MR-SC-R PUI-AS01708MR-SC-R Datasheet
243Kb / 1P
Speaker
AS01808MR-R PUI-AS01808MR-R Datasheet
251Kb / 1P
Speaker
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
Speaker
AS02804MR-R PUI-AS02804MR-R Datasheet
265Kb / 1P
Speaker
AS03008MR-R PUI-AS03008MR-R Datasheet
313Kb / 1P
Speaker
AS03508CO-7-R PUI-AS03508CO-7-R Datasheet
235Kb / 1P
Speaker
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
Bel Fuse Inc.
CLS0201MA-L152 BEL-CLS0201MA-L152 Datasheet
186Kb / 2P
SPEAKER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com