Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR1002-QB Datasheet(PDF) 2 Page - Mimix Broadband

Part # XR1002-QB
Description  18.0-30.0 GHz GaAs Receiver QFN, 7x7 mm
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1002-QB Datasheet(HTML) 2 Page - Mimix Broadband

  XR1002-QB Datasheet HTML 1Page - Mimix Broadband XR1002-QB Datasheet HTML 2Page - Mimix Broadband XR1002-QB Datasheet HTML 3Page - Mimix Broadband XR1002-QB Datasheet HTML 4Page - Mimix Broadband XR1002-QB Datasheet HTML 5Page - Mimix Broadband XR1002-QB Datasheet HTML 6Page - Mimix Broadband XR1002-QB Datasheet HTML 7Page - Mimix Broadband XR1002-QB Datasheet HTML 8Page - Mimix Broadband XR1002-QB Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
18.0-30.0 GHz GaAs Receiver
QFN, 7x7 mm
R1002-QB
Page 2 of 10
Receiver Measurements
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
November 2006 - Rev 03-Nov-06
XR1002-QB, USB Image Rejection (dBc) Over Temperature
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
18
20
22
24
26
28
30
32
RF (GHz) [IF=2GHz]
+25 Deg C
-40 Deg C
+85 Deg C
XR1002-QB, LSB Image Rejection (dBc) Over Temperature
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
18
20
22
24
26
28
30
32
RF (GHz) [IF=2GHz]
+25 Deg C
-40 Deg C
+85 Deg C
XR1002-QB, USB Input IP3 (dBm) Over Temperature
Vg3 = 0.0V, Maximum Attenuation
-5
0
5
10
15
20
18
20
22
24
26
28
30
32
34
RF (GHz) [IF=2GHz]
+25 Deg C
-40 Deg C
+85 Deg C
XR1002-QB, LSB Input IP3 (dBm) Over Temperature
Vg3 = 0.0V, Maximum Attenuation
0
2
4
6
8
10
12
14
16
18
20
18
20
22
24
26
28
30
32
34
RF (GHz) [IF=2GHz]
+25 Deg C
-40 Deg C
+85 Deg C
XR1002-QB Conversion Gain (dBm)
(Average of 23 Devices)
0
2
4
6
8
10
12
14
16
18
20
17.5
20
23
26
30
32
RF (GHz)
USB Gain
LSB Gain
XR1002-QB, Image Rejection (dBc)
-40
-35
-30
-25
-20
-15
-10
-5
0
18
20
22
24
26
28
30
32
RF (GHz) [IF=2GHz]
USB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com