Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG3KB10 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # UG3KB10
Description  Single-Phase 3.0A Glass Passivated Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

UG3KB10 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  UG3KB10 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD UG3KB10 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD UG3KB10 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD UG3KB10 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD UG3KB10 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N1921, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
UG3KB05
THRU
UG3KB100
UG3KB05 THRU UG3KB100
Single-Phase 3.0A Glass Passivated Bridge Rectifier
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Features
Circuit Diagram
Mechanical Data
Maximum Ratings: @TA=25°C unless otherwise specified
Type Number
Symbol UG3K
B05
UG3K
B10
UG3K
B20
UG3K
B40
UG3K
B60
UG3K
B80
UG3K
B100 Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VDC
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VRMS
35
70
140
280
420
560
700
V
Average Rectified Without heat sink @TA = 30°C
Output Current With heat sink @TA = 140°C
IO
1.5
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated
load (JEDEC Method)
IFSM
60
A
Case: D3K, Molded plastic
Terminals: Plated leads solderable per MIL-STD-202,
Method 208
Polarity: as marked on case
Mounting Position: Any
Lead Free: For RoHS / Lead Free Version
Glass passivated die construction
Low forward voltage drop
High current capability
High surge current capability
Designed for surface mount application
Plastic material-UL flammability 94V-0
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
D3K


Similar Part No. - UG3KB10

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UG3KB10 GULFSEMI-UG3KB10 Datasheet
165Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:3.0A
logo
Guangdong Juxing Electr...
UG3KB10 JUXING-UG3KB10 Datasheet
779Kb / 2P
BRIDGE RECTIFIERS
logo
Microdiode Semiconducto...
UG3KB10 CHENDA-UG3KB10 Datasheet
1Mb / 2P
SILICON BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
UG3KB10 DYELEC-UG3KB10 Datasheet
397Kb / 2P
SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UG3KB10 ZSELEC-UG3KB10 Datasheet
118Kb / 2P
3.0A BRIDGE RECTIFIER
More results

Similar Description - UG3KB10

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC300G WTE-KBPC300G Datasheet
34Kb / 3P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBPC300G WTE-KBPC300G_06 Datasheet
45Kb / 4P
3.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
GBPC1005 TAITRON-GBPC1005 Datasheet
208Kb / 4P
3.0A Glass Passivated Bridge Rectifier
logo
Zibo Seno Electronic En...
HBS305 ZSELEC-HBS305 Datasheet
118Kb / 2P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
TT3A ZSELEC-TT3A Datasheet
118Kb / 2P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
KBP301 YFWDIODE-KBP301_V01 Datasheet
478Kb / 3P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
UD3KB10 YFWDIODE-UD3KB10 Datasheet
460Kb / 3P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP301 YFWDIODE-KBP301_V02 Datasheet
586Kb / 3P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Burland Technology Solu...
UG3KB05G BURLAND-UG3KB05G Datasheet
362Kb / 5P
UG3KB05G THRU UG3KB100G Single-Phase 3.0A Glass Passivated Bridge Rectifier
logo
SMC Diode Solutions Co....
UG3KB05G SMCDIODE-UG3KB05G Datasheet
362Kb / 5P
Single-Phase 3.0A Glass Passivated Bridge Rectifier
Rev. -
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com