Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMCP786A-LF-IP Datasheet(PDF) 1 Page - STI Vibration Monitoring Inc.

Part # CMCP786A-LF-IP
Description  Low Frequency Top Entry Accelerometer, Submersible
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.

CMCP786A-LF-IP Datasheet(HTML) 1 Page - STI Vibration Monitoring Inc.

  CMCP786A-LF-IP Datasheet HTML 1Page - STI Vibration Monitoring Inc. CMCP786A-LF-IP Datasheet HTML 2Page - STI Vibration Monitoring Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMCP786A-LF-IP
Low Frequency Top Entry Accelerometer, Submersible
Features
Low Frequency Top Entry Accelerometer
500 mV/g ±10%
0.2 Hz to 15 kHz (12 cpm to 900 kcpm)
140°C Max Temperature Range
±16 g Dynamic Range
Integral PUR Cable
Class 1 Division 2 Approved
Class 1 Division 1 Approved with IS Barrier or Isolator
¼”-28 UNF and M8x1.25 Mounting Studs Included
Sealed to IP68
Typical Applications
For Slow Speed Applications on Fans, Motors, Pumps, Compressors, Centrifuges, Conveyors, Air Handlers,
Gearboxes, Rolls, Dryers, Presses, Cooling, HVAC, Spindles, Machine Tooling, Process Equipment and many more.
Technical Performance
Mounted Base Resonance:
18 kHz (nominal)
Sensitivity:
500 mV/g ±10% Nominal 80 Hz at 22°C
Frequency Response:
1.5 Hz to 10kHz ±5%
(90 cpm to 600 kcpm)
0.5 Hz to 12 kHz ±10%
(30 cpm to 720 kcpm)
0.2 Hz to 15 kHz ±3dB
(12 cpm to 900 kcpm)
Isolation:
Base Isolated
Measurement Range:
±16 g
Transverse Sensitivity:
Less than 5%
Electrical
Supply Voltage:
18-30 VDC
Current Range:
0.5 to 8 mA
Bias Voltage:
10-12 VDC
Electrical Noise:
0.1 mg Max.
Settling Time:
2 Second
Output Impedance:
200 Ohm Max.
Case Isolation:
>108 Ohm at 500 Volt
Environmental
Operating Temperature Range:
-67 to 284°F (-55 to 140°C)
Sealing:
IP68
Submersible:
Up to 100 meter (10 bar)
Maximum Shock:
5000 g
Approvals:
CE and UKCA Approved
CSA/UL Class 1 Division 2, Groups B, C and D
Mechanical
Case Material:
Stainless Steel
Cable Jacket:
PUR (Polyurethane)
Sensing Element/Construction:
PZT/Compression
Mounting Torque:
5.9 ft-lbs (8 Nm)
Weight:
4.9 Oz (139 gram), Sensor only
Mating Connector:
Flying Leads (White/Black/Shield)
Mounting Thread:
1/4-28 UNF and M8x1.25 Mounting Studs Provided


Similar Part No. - CMCP786A-LF-IP

ManufacturerPart #DatasheetDescription
logo
STI Vibration Monitorin...
CMCP786A-LF-I STI-CMCP786A-LF-I Datasheet
501Kb / 2P
Low Frequency Top Entry Accelerometer, Armored Cable
January 2023
More results

Similar Description - CMCP786A-LF-IP

ManufacturerPart #DatasheetDescription
logo
STI Vibration Monitorin...
CMCP770A STI-CMCP770A Datasheet
482Kb / 2P
Compact Top Entry Accelerometer
January 2023
CMCP785A-IP STI-CMCP785A-IP Datasheet
538Kb / 2P
General Purpose Side Entry Accelerometer, Submersible
January 2023
CMCP785A-LF-IP STI-CMCP785A-LF-IP Datasheet
542Kb / 2P
Low Frequency Side Entry Accelerometer, Submersible
January 2023
CMCP785T-IP STI-CMCP785T-IP Datasheet
544Kb / 2P
Dual Output Side Entry Accelerometer with Temperature Submersible
January 2023
CMCP786A-IP STI-CMCP786A-IP Datasheet
516Kb / 2P
General Purpose Top Entry Accelerometer, Submersible
January 2023
CMCP786A-LF-I STI-CMCP786A-LF-I Datasheet
501Kb / 2P
Low Frequency Top Entry Accelerometer, Armored Cable
January 2023
CMCP786A-LF STI-CMCP786A-LF Datasheet
506Kb / 2P
Low Frequency Top Entry Accelerometer, 2 Pin MS 5015
January 2023
CMCP786T-IP STI-CMCP786T-IP Datasheet
534Kb / 2P
Dual Top Entry Accelerometer with Temperature Submersible
January 2023
CMCP787A-IP STI-CMCP787A-IP Datasheet
567Kb / 2P
Premium Side Entry Accelerometer, Submersible
July 2023
CMCP788A-IP STI-CMCP788A-IP Datasheet
521Kb / 2P
Premium Top Entry Accelerometer, Submersible
July 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com