Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70001LS Datasheet(PDF) 2 Page - Belden Inc.

Part # 70001LS
Description  Profibus PA, 1PR #18 Str TC, PO ins, F/B, LSNH Jkt, 300 V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

70001LS Datasheet(HTML) 2 Page - Belden Inc.

  70001LS Datasheet HTML 1Page - Belden Inc. 70001LS Datasheet HTML 2Page - Belden Inc. 70001LS Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
Conductor DCR
Max. Conductor DCR Max. Outer Shield DCR
20.5 Ohm/km
9 Ohm/km
Capacitance
Max. Capacitance Conductor to Conductor Max. Capacitance Unbalance
80 pF/m
4 pF/m
Impedance
Frequency [MHz] Nominal Characteristic Impedance Nominal Characteristic Tolerance
0.03125 MHz
100 Ohm
20 Ohm
High Frequency (Nominal/Typical)
Frequency [MHz] Nom. Insertion Loss
0.039 MHz
0.3 dB/100m
Delay
Nominal Velocity of Propagation (VP) [%]
77%
Voltage
Voltage Rating [V]
300 V
Temperature Range
Installation Temperature Range:
-15°C To +70°C
Storage Temperature Range:
-45°C To +70°C
Operating Temp Range (Flexible Install):
-15°C To +70°C
Operating Temp Range (Fixed Install):
-45°C To +70°C
Mechanical Characteristics
Oil Resistance:
IEC 60811-2-1
Max. Pull Tension:
50 N
Min. Bend Radius During Installation:
120 mm
Min Setting Radius:
80 mm
Standards
CENELEC Compliance:
EN 50290-2-20
Applicable Environmental and Other Programs
Environmental Space:
Outdoor
Suitability
Suitability - Sunlight Resistance:
Yes
Flammability, LS0H, Toxicity Testing
IEC Flammability:
IEC 60332-3-24
IEC 60754-1 - Halogen Amount:
Zero
IEC 60754-2 - Halogen Acid Gas Amount - Max. Conductivity:
2.5 µS/mm
IEC 60754-2 - Halogen Acid Gas Amount - Min. pH:
4.3
Related Part Numbers
Variants
Item #
Color
Put-Up Type
Length
EAN
70001LS.00120
Black
Reel
120 m
8719605009050
70001LS.00500
Black
Reel
500 m
8719605009067
70001LS.001000 Black
Reel
1,000 m 8719605009043
70001LS.01500
Blue
Reel
500 m
8719605009081



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com