Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPBAD45 Datasheet(PDF) 2 Page - Marathon Special Products

Part # EPBAD45
Description  200 Amps 600 Volts AC/DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

EPBAD45 Datasheet(HTML) 2 Page - Marathon Special Products

  EPBAD45 Datasheet HTML 1Page - Marathon Special Products EPBAD45 Datasheet HTML 2Page - Marathon Special Products EPBAD45 Datasheet HTML 3Page - Marathon Special Products EPBAD45 Datasheet HTML 4Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.marathonsp.com
2
PDS 0384 REV-L 12/19/17
Termination Specifications
1
For information on copper stranded wire classes please visit:
http://www.marathonsp.com/CatalogPDFs/Flexible-Stranded-Wire.php
•
Aluminum stranded wire range: 3/0 - 6 AWG
•
Copper solid wire range: 10 - 14 AWG
•
Wire strip length: 7/8 in. (18mm)
•
IP-20 protection: 3/0 - 2
•
Terminal screw drive: 6 mm. hex
Load Side
Wire Size
(CU Stranded)
Torque
Wires /
Terminal
Wire Class (UL) 1
2
5.7 N·m (50 lbf·in)
1
B, C
4 - 6
5.7 N·m (50 lbf·in)
1
B, C, G, H, I (DLO)
8
5.7 N·m (50 lbf·in)
1 - 2
B, C, G, H, I (DLO)
10
4.5 N·m (40 lbf·in)
1 - 2
B, C, I (DLO)
12 - 14
4.5 N·m (40 lbf·in)
1 - 4
B, C, I (DLO)
•
Aluminum stranded wire range: 2 - 6 AWG
•
Copper solid wire range: 10 - 14 AWG
•
Wire strip length: 11/16 in. (17mm)
•
IP-20 protection: 2 - 14
•
Terminal screw drive: 4 mm. hex
Line Side
Wire Size
(CU Stranded)
Torque
Wires /
Terminal
Wire Class (UL) 1
3/0
20.3 N·m
(180 lbf·in)
1
B, C
2/0 - 2
20.3 N·m
(180 lbf·in)
1
B, C, G, H, I (DLO)
4
20.3 N·m
(180 lbf·in)
1
B, C, G, H, I (DLO)
4
20.3 N·m
(180 lbf·in)
1 - 2
B, C
6 - 8
20.3 N·m
(180 lbf·in)
1 - 2
B, C, G, H, I (DLO)
10 - 14
5.6 N·m (50 lbf·in)
1 - 2
B, C, I (DLO)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com