Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPBAD71 Datasheet(PDF) 2 Page - Marathon Special Products

Part # EPBAD71
Description  510 Amps A 600 Volts AC/DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

EPBAD71 Datasheet(HTML) 2 Page - Marathon Special Products

  EPBAD71 Datasheet HTML 1Page - Marathon Special Products EPBAD71 Datasheet HTML 2Page - Marathon Special Products EPBAD71 Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.marathonsp.com
2
PDS 0003 REV-G 2/1/17
Termination Speci cations
Line & Load Side
Wire Size
(CU Stranded)
Torque
Wires /
Terminal
Wire Class (UL) 1
250 kcmil - 1
31.1 N·m
(275 lbf·in)
1
B, C, G, H, I (DLO)
2
13.6 N·m
(120 lbf·in)
1
B, C, G, H, I (DLO)
4 - 6
13.6 N·m
(120 lbf·in)
1
B, C
•
Aluminum stranded wire range: 250 kcmil - 6 AWG
•
Wire strip length: 1 3/8 in. (35mm)
•
IP-20 protection: 250 - 4/0 kcmil
•
Terminal screw drive: 8 mm hex
1 For information on copper stranded wire classes please visit:
http://www.marathonsp.com/ exible-stranded-wire.php
Installation & Accessories
•
Din-Rail mountable on 35 X 7.5, 2m long, slotted: MN35-2
•
When mounting blocks on Din rail, it is recommended to individually mount power blocks. Multi-line
con gurations become increasingly dif cult to mount as the line length increases.
•
End Brackets: MSK35
•
Safety plug: EPB Plug 250
•
Marker cards:
•
White plastic inserts: EPB Marker Card
•
Allen wrenches:
8mm
•
S & K tools
45958
•
Snap-on tools
FAML8E
•
MAC tools
XDLS8MM
•
McMaster Carr
8367A26



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com