Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPBAP48 Datasheet(PDF) 3 Page - Marathon Special Products

Part # EPBAP48
Description  200 Amps 600 Volts AC/DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

EPBAP48 Datasheet(HTML) 3 Page - Marathon Special Products

  EPBAP48 Datasheet HTML 1Page - Marathon Special Products EPBAP48 Datasheet HTML 2Page - Marathon Special Products EPBAP48 Datasheet HTML 3Page - Marathon Special Products EPBAP48 Datasheet HTML 4Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.marathonsp.com
3
PDS 0498 REV-A 11/14/16
Short Circuit Current Ratings (SCCR)
• The suitable conductor ranges are limited to the table values only for achieving the SCCR in excess of the default
rating of 10,000A.
• Other conductor combinations within the “Terminal Specifications” noted are suitable for achieving a SCCR of
10,000A (the default rating of terminal blocks).
• Enclosure size – Investigated with a minimum 16X12X6 enclosure. Use in smaller enclosures is subject to end use
evaluation.
SCCR With Fuses
* Refers to either the larger (L) or smaller (S) of the two load side terminals.
** Any wire class evaluated (see terminal specification section)
Wire
Class
Suitable
Conductors
Max Overcurrent Protection Fuse Required
Amp Rating / Class
SCCR RMS
Sym. Amps
600V. Max
Line
Load - L/S*
J
T
RK1
RK5
G
CC
B, C
3/0-8
2-8
L
200
200
100
60
60
30
100,000
6-8
S
3/0-8
2-12
L
125
125
100
30
60
30
100,000
6-12
S
G, H, I
2/0-8
4-8
L
200
200
100
60
60
30
100,000
8
S
2/0-8
4-12
L
125
125
100
30
60
30
100,000
8-12
S
(**)
3/0 - 14
2 - 14
-
None
10,000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com