Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPBAP86 Datasheet(PDF) 2 Page - Marathon Special Products

Part # EPBAP86
Description  760 Amps 600 Volts AC/DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

EPBAP86 Datasheet(HTML) 2 Page - Marathon Special Products

  EPBAP86 Datasheet HTML 1Page - Marathon Special Products EPBAP86 Datasheet HTML 2Page - Marathon Special Products EPBAP86 Datasheet HTML 3Page - Marathon Special Products EPBAP86 Datasheet HTML 4Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.marathonsp.com
2
PDS 0499 REV-B 03/08/17
Termination Specifications
1
For information on copper stranded wire classes please reference:
http://www.marathonsp.com/CatalogPDFs/Flexible-Stranded-Wire.pdf
Line Side
Wire Size
(CU Stranded)
Torque
Wires /
Terminal
Wire Class (UL) 1
500 kcmil - 2 AWG
42.3 N·m (375 lbf·in)
1
B, C
350 kcmil - 2 AWG
42.3 N·m (375 lbf·in)
1
B, C, G, H, I
4 AWG
42.3 N·m (375 lbf·in)
1
B, C
•
Aluminum stranded wire range: 3/0 - 6 AWG
•
Wire strip length: 1-7/16 in. (36.5mm)
•
IP-20 protection:
•
With break-away tab - 3/0-4 AWG
•
Without break-away tab - 500 kcmil - 4/0 AWG
•
No wire present-remove tab and use plug (Catalog No. EPB-Plug-500)
•
Terminal screw drive: 5/16 inch hex
Load Side
Wire Size
(CU Stranded)
Torque
Wires /
Terminal
Wire Class (UL) 1
4
4 N·m (35 lbf·in)
1
B, C
6 - 8
4 N·m (35 lbf·in)
1
B, C, G, H, I
10
4 N·m (35 lbf·in)
1 - 2
B, C, I
12 - 14
4 N·m (35 lbf·in)
1 - 2
I
1 - 4
B, C
•
Solid copper wire range: #10 - 14
•
Aluminum wire range: #4 - #6 AWG
•
Wire strip length:
•
top row: 1-3/16 in. (21mm)
•
bottom row: 1-1/4 in. (32mm)
•
Terminal screw drive: 1/8 inch hex drive
•
IP-20 protection: 4 - 14



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com