Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD601A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SD601A
Description  Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD601A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SD601A Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD601A Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SD601A Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SD601A
Silicon NPN Power Transistor
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCBO
Collector-base voltage
IC= 20uA, IE= 0
60
--
--
V
VCEO
Collector-emitter voltage
IC= 2mA, IB= 0
50
--
--
V
VEBO
Emitter-base voltage
IE= 10uA, IE= 0
7
--
--
V
ICBO
Collector-base current
VCB= 20V, IE= 0
--
--
0.1
uA
ICEO
Collector-emitter current
VCE= 10V, IB= 0
--
--
100
uA
hFE
DC Current Gain
IC= 2mA, VCE= 10V
160
--
460
VCE(sat)
Collector-Emitter Saturation Voltage
IC=100mA, IB= 10mA
--
0.1
0.3
V
hFE Classifications
ZQ
ZR
ZS
160-260
210-340
290-460
PACKAGE OUTLINE Dimensions in mm (1mm = 0.0394)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com