Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2545AX-D Datasheet(PDF) 4 Page - SMC Diode Solutions Co. LTD

Part # ST2545AX-D
Description  SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

ST2545AX-D Datasheet(HTML) 4 Page - SMC Diode Solutions Co. LTD

  ST2545AX-D Datasheet HTML 1Page - SMC Diode Solutions Co. LTD ST2545AX-D Datasheet HTML 2Page - SMC Diode Solutions Co. LTD ST2545AX-D Datasheet HTML 3Page - SMC Diode Solutions Co. LTD ST2545AX-D Datasheet HTML 4Page - SMC Diode Solutions Co. LTD ST2545AX-D Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Technical Data
Data Sheet N2680, Rev. -
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
ST2545AX-D
ST2545AX-C
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Ordering Information
Marking Diagram
Device
Package
Shipping
ST2545AX-D
R-7(Pb-Free)
800pcs / reel
ST2545AX-C
R-7(Pb-Free)
800pcs / reel
Carrier Tape Specification R-7
SYMBOL
Millimeters
Min.
Max.
A
9.50
10.50
B
50.9
53.9
Z
-
1.20
T
5.60
6.40
E
-
0.80
IL1-L2I
-
1.0
Where XXXXX is YYWWL
S
= Device Type
T
= Ultralow VF
25
= Forward Current (25A)
45
= Reverse Voltage (45V)
AX
= Package type
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com