Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST30100C Datasheet(PDF) 4 Page - SMC Diode Solutions Co. LTD

Part # ST30100C
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

ST30100C Datasheet(HTML) 4 Page - SMC Diode Solutions Co. LTD

  ST30100C Datasheet HTML 1Page - SMC Diode Solutions Co. LTD ST30100C Datasheet HTML 2Page - SMC Diode Solutions Co. LTD ST30100C Datasheet HTML 3Page - SMC Diode Solutions Co. LTD ST30100C Datasheet HTML 4Page - SMC Diode Solutions Co. LTD ST30100C Datasheet HTML 5Page - SMC Diode Solutions Co. LTD ST30100C Datasheet HTML 6Page - SMC Diode Solutions Co. LTD ST30100C Datasheet HTML 7Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Technical Data
Data Sheet N1047, Rev. C
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
ST30100C
STB30100C
STF30100C
Marking Diagram
Carrier Tape Specification D2PAK
SYMBOL
Millimeters
Min.
Max.
A
10.70
10.90
B
16.03
16.23
C
5.11
5.31
d
1.45
1.65
E
1.65
1.85
F
11.40
11.60
P0
3.90
4.10
P
15.90
16.10
P1
1.90
2.10
W
23.90
24.30
Where XXXXX is YYWWL
ST
= Device Type
B/F
= Package type
30
= Forward Current (30A)
100
= Reverse Voltage (100V)
C
= Configuration
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com