Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FHT Datasheet(PDF) 1 Page - RFE international

Part # FHT
Description  Radial Leaded PTC Resettable Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FHT Datasheet(HTML) 1 Page - RFE international

  FHT Datasheet HTML 1Page - RFE international FHT Datasheet HTML 2Page - RFE international FHT Datasheet HTML 3Page - RFE international FHT Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NO.
PQ27-120E
Product Specification and Approval Sheet Version 1 Page 1/4
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/04/06
Radial Leaded PTC Resettable Fuse: FHT Series
1. Summary
(a) RoHS Compliant (Lead Free) Product
(b) Applications: Wide variety of electronic equipment
(c) Product Features: Very Low resistance, Very High hold current, Solid state, Radial
leaded product ideal for up to 16V and Operating temperatures up to 125℃.
(d) Operation Current: 0.5A~15.0A
(e) Maximum Voltage: 16V/30VDC
(f) Temperature Range: -40℃ to 125℃
2. Agency Recognition
UL:
File No. E211981
C-UL:
File No. E211981
TÜV:
File No. R50004084
3. Electrical Characteristics (23℃)
Part
Number
Hold
Current
Trip
Current
Max. Time
to Trip
Maximum
Current
Rated
Voltage
Typical
Power
Resistance
RMIN
R1MAX
IH, A
IT
, A
at 5xIH, s
IMAX
, A
VMAX
, VDC Pd, W
Ohm
Ohm
FHT050-30F
0.5
0.9
2.5
40
30
0.9
0.4800
1.1000
FHT070-30F
0.7
1.4
3.2
40
30
1.4
0.3000
0.8000
FHT100-30F
1.0
1.8
5.2
40
30
1.4
0.1800
0.4300
FHT200-16F
2.0
3.8
3.0
100
16
1.4
0.0450
0.1100
FHT300-16F
3.0
6.0
5.0
100
16
3.0
0.0330
0.0790
FHT400-16F
4.0
7.0
5.0
100
16
3.3
0.0240
0.0600
FHT450-16F
4.5
7.8
3.0
100
16
3.6
0.0220
0.0540
FHT550-16F
5.5
10.0
6.0
100
16
3.5
0.0150
0.0370
FHT600-16F
6.0
10.8
5.0
100
16
4.1
0.0130
0.0320
FHT650-16F
6.5
12.0
5.5
100
16
4.3
0.0110
0.0260
FHT700-16F
7.0
13.0
7.0
100
16
4.0
0.0100
0.0250
FHT750-16F
7.5
13.1
7.0
100
16
4.5
0.0094
0.0220
FHT800-16F
8.0
15.0
8.0
100
16
4.2
0.0080
0.0200
FHT900-16F
9.0
16.5
10.0
100
16
5.0
0.0074
0.0170
FHT1000-16F
10.0
18.5
9.0
100
16
5.3
0.0062
0.0150
FHT1100-16F
11.0
20.0
11.0
100
16
5.5
0.0055
0.0130
FHT1300-16F
13.0
24.0
13.0
100
16
6.9
0.0041
0.0100
FHT1400-16F
14.0
27.0
13.0
100
16
6.9
0.0030
0.0090
FHT1500-16F
15.0
28.0
20.0
100
16
7.0
0.0032
0.0092


Similar Part No. - FHT

ManufacturerPart #DatasheetDescription
logo
Fuzetec Technology Co.,...
FHT050-30F FUZETEC-FHT050-30F Datasheet
169Kb / 4P
Radial Leaded PTC Resettable Fuse : FHT Series
FHT070-30F FUZETEC-FHT070-30F Datasheet
169Kb / 4P
Radial Leaded PTC Resettable Fuse : FHT Series
FHT100-30F FUZETEC-FHT100-30F Datasheet
169Kb / 4P
Radial Leaded PTC Resettable Fuse : FHT Series
logo
RFE international
FHT1000-16F RFE-FHT1000-16F Datasheet
190Kb / 2P
Radial Leaded PPTC FHT Series: High Temperature, 125째C
logo
Fuzetec Technology Co.,...
FHT1000-16F FUZETEC-FHT1000-16F Datasheet
169Kb / 4P
Radial Leaded PTC Resettable Fuse : FHT Series
More results

Similar Description - FHT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC36184 ETC1-MC36184 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
MC33162 ETC2-MC33162 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
MC33158 ETC2-MC33158 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
logo
RFE international
FHE RFE-FHE Datasheet
348Kb / 3P
Radial Leaded PTC Resettable Fuse:
2021/04/08
FRHV RFE-FRHV Datasheet
290Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/07
FRT RFE-FRT Datasheet
259Kb / 3P
Radial Leaded PTC Resettable Fuse
2021/03/31
FRU RFE-FRU Datasheet
260Kb / 3P
Radial Leaded PTC Resettable Fuse
2021/03/23
FRVL RFE-FRVL Datasheet
293Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/06
FRX60 RFE-FRX60 Datasheet
282Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/03/23
FUSB RFE-FUSB Datasheet
260Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/03/29
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com