Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5100 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # STB5100
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

STB5100 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  STB5100 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD STB5100 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD STB5100 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD STB5100 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD STB5100 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD STB5100 Datasheet HTML 6Page - SMC Diode Solutions Co. LTD STB5100 Datasheet HTML 7Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Technical Data
Data Sheet N1052, Rev. B
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
ST5100
STB5100
STD5100
STF5100
ST5100/STB5100/STF5100/STD5100
SCHOTTKY RECTIFIER
Applications
Features
ST5100
STB5100
STD5100
STF5100
TO-220AC
D2PAK
DPAK
ITO-220AC
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
100
V
Average Rectified Forward Current
IF (AV)
50% duty cycle @Tc=130°C,
rectangular wave form
5
A
Peak One Cycle Non-Repetitive Surge
Current
IFSM
8.3ms, Half Sine pulse, TC = 25 C
120
A
150 C TJ operation
Center tap configuration
Ultralow forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Trench MOS Schottky technology
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection


Similar Part No. - STB5100

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
STB5100 SMC-STB5100 Datasheet
168Kb / 8P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STB5100C SMCDIODE-STB5100C Datasheet
396Kb / 6P
SCHOTTKY RECTIFIER
Rev. B
More results

Similar Description - STB5100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com