Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB090F Datasheet(PDF) 1 Page - RFE international

Part # FUSB090F
Description  Radial Leaded PTC Resettable Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FUSB090F Datasheet(HTML) 1 Page - RFE international

  FUSB090F Datasheet HTML 1Page - RFE international FUSB090F Datasheet HTML 2Page - RFE international FUSB090F Datasheet HTML 3Page - RFE international FUSB090F Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NO.
PQ05-101E
Product Specification and Approval Sheet Version 1 Page 1/4
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/03/29
Radial Leaded PTC Resettable Fuse: FUSB Series
1. Summary
(a) RoHS Compliant (Lead Free) Product
(b) Applications: Low voltage USB equipment and Computers & peripherals
(c) Product Features: Low resistance, Fast trip time, Low trip-to-hold ratio
(d) Operation Current: 0.75A~2.50A
(e) Maximum Voltage: 16V/30VDC
(f) Temperature Range: -40℃ to 85℃
2. Agency Recognition
UL:
File No. E211981
C-UL: File No. E211981
TÜV:
File No. R50004084
3. Electrical Characteristics (23℃)
Part
Number
Hold
Current
Trip
Current
Max. Time
to Trip
Max.
Current
Rated
Voltage
Typ.
Power
Resistance
Current
Time
RMIN
R1MAX
IH, A
IT, A
A
Sec
IMAX, A
VMAX, VDC
Pd, W
Ohm
Ohm
FUSB075F
0.75
1.30
8.0
0.4
40
16
0.3
0.08
0.23
FUSB090F
0.90
1.80
8.0
1.2
40
16/30
0.6
0.07
0.18
FUSB110F
1.10
2.20
8.0
2.3
40
16/30
0.7
0.05
0.14
FUSB120F
1.20
2.00
8.0
0.7
40
16
0.6
0.04
0.14
FUSB135F
1.35
2.70
8.0
4.5
40
16/30
0.8
0.04
0.12
FUSB155F
1.55
2.70
7.8
2.2
40
16
0.7
0.03
0.12
FUSB160F
1.60
3.20
8.0
9.0
40
16/30
0.9
0.03
0.11
FUSB185F
1.85
3.70
8.0
10.0
40
16/30
1.0
0.03
0.09
FUSB250F
2.50
5.00
8.0
40.0
40
16/30
1.2
0.02
0.07
IH=Hold current-maximum current at which the device will not trip at 23℃ still air.
IT=Trip current-minimum current at which the device will always trip at 23℃ still air.
IMAX= Maximum fault current device can withstand without damage at rated voltage (VMAX).
VMAX=Maximum voltage device can withstand without damage at its rated current.
Pd=Typical power dissipated from device when in tripped state in 23℃ still air environment.
RMIN=Minimum device resistance at 23℃.
R1MAX=Maximum device resistance at 23℃, 1 hour after tripping.
Physical specifications:
Lead material: Tin plated copper clad steel, 24 AWG.
Soldering characteristics: MIL-STD-202, Method 208E.
Insulating coating: Flame retardant epoxy polymer, meets UL 94V-0 requirement.


Similar Part No. - FUSB090F

ManufacturerPart #DatasheetDescription
logo
RFE international
FUSB090F RFE-FUSB090F Datasheet
126Kb / 1P
Radial Leaded PPTC FUSB Series
logo
Fuzetec Technology Co.,...
FUSB090F FUZETEC-FUSB090F Datasheet
138Kb / 4P
Radial Leaded PTC Resettable Fuse: FUSB Series
More results

Similar Description - FUSB090F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC36184 ETC1-MC36184 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
MC33162 ETC2-MC33162 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
MC33158 ETC2-MC33158 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
logo
RFE international
FHE RFE-FHE Datasheet
348Kb / 3P
Radial Leaded PTC Resettable Fuse:
2021/04/08
FHT RFE-FHT Datasheet
326Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/06
FRHV RFE-FRHV Datasheet
290Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/07
FRT RFE-FRT Datasheet
259Kb / 3P
Radial Leaded PTC Resettable Fuse
2021/03/31
FRU RFE-FRU Datasheet
260Kb / 3P
Radial Leaded PTC Resettable Fuse
2021/03/23
FRVL RFE-FRVL Datasheet
293Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/06
FRX60 RFE-FRX60 Datasheet
282Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/03/23
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com