Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGSV Datasheet(PDF) 1 Page - RFE international

Part # MGSV
Description  METAL GLAZED FILM RESISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MGSV Datasheet(HTML) 1 Page - RFE international

  MGSV Datasheet HTML 1Page - RFE international MGSV Datasheet HTML 2Page - RFE international MGSV Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
● High working voltage
● Resistance to high Temperature / humidity
● High pulse loading capability
● Resistance range up to 10G ohms
● Operating Temperature: -55°C ~ +225°C
● Standard Epoxy coating also available, See MGHV Series.
FEATURES
RoHS
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
C2CB07
2020.08.14
METAL GLAZED FILM RESISTOR
MGSV Series: High Voltage, Silicon Coating
DIMENSION (mm)
RATINGS at ambient temperature 70°C
● Resistance Range for standard resistance, below or over this resistance may be available upon request
Page 1 of 3
L
D
H
d
MGSV25
MGSV50S
1/4 W
1/2 W
6.3±0.5
2.3±0.3
28±3.0
0.55±0.03
MGSV50
MGSV100S
1/2 W
1 W
9.0±0.5
3.2±0.5
26±3.0
0.65±0.03
MGSV100
MGSV200S
1 W
2 W
11.5±1.0
4.0±0.5
35±3.0
0.78±0.03
TO
MGSV200
MGSV300S
2 W
3 W
15.5±1.0
5.0±0.5
32±3.0
0.78±0.03
MGSV300
MGSV500S
3 W
5 W
17.5±1.0
6.0±0.5
35±3.0
0.78±0.03
Dimensions (m/m)
Resistance
Range (Ω)
Size Code
Pow er Rating
1K Ω
10G Ω
MGSV25
1/4 W
1,600
2,000
400
MGSV50S
1/2 W
1,700
2,500
400
MGSV50
1/2 W
3,500
4,000
500
MGSV100S
1 W
4,000
4,500
500
MGSV100
1 W
4,500
5,000
500
MGSV200S
2 W
5,000
10,000
500
MGSV200
2 W
7,000
14,000
700
MGSV300S
3 W
10,000
14,000
700
MGSV300
3 W
12,000
16,000
1,000
MGSV500M
5 W
13,000
18,000
1,000
Size Code
Pow er
Rating
Measured
Max.
Working
Voltage
(DC)
Dielectric
Withstanding
Voltage (V)
Max.
Overload
Voltage
(DC)
DC 100 volts
1KΩ ~ 1MΩ
-----------
DC 1000 volts
R ? 1MΩ
Resistance
Tolerance
R > 1GΩ
K (±10%) E12
-----------
R < 1GΩ
K (±10%) E12
J (±5%) E24
F (±1%) E24
-----------
also available
1MΩ ~ 100MΩ
D (±0.5%) E24
T.C.R.
Standard:
1KΩ ~ 10MΩ
±200PPM/°C
R >10MΩ
±500PPM/°C
-----------
Special:
±100PPM/°C
±50PPM/°C
≥


Similar Part No. - MGSV

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MGS MACOM-MGS Datasheet
96Kb / 2P
GRID HIGH-PERFORMANCE RELAYS
logo
Magnelab.
MGS-1800-0250 MAGNELAB-MGS-1800-0250 Datasheet
189Kb / 2P
Three-Phase 4-20 mA True-RMS AC Current Transducer MGS-1800
MGS-1800-0400 MAGNELAB-MGS-1800-0400 Datasheet
189Kb / 2P
Three-Phase 4-20 mA True-RMS AC Current Transducer MGS-1800
MGS-1800-0500 MAGNELAB-MGS-1800-0500 Datasheet
189Kb / 2P
Three-Phase 4-20 mA True-RMS AC Current Transducer MGS-1800
MGS-1800-0800 MAGNELAB-MGS-1800-0800 Datasheet
189Kb / 2P
Three-Phase 4-20 mA True-RMS AC Current Transducer MGS-1800
More results

Similar Description - MGSV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
5043ED4K640F PHILIPS-5043ED4K640F Datasheet
335Kb / 7P
Standard Metal Film resistor
logo
MERITEK ELECTRONICS COR...
MFM MERITEK-MFM Datasheet
428Kb / 2P
Metal Film MELF Resistor
MGR MERITEK-MGR Datasheet
226Kb / 2P
Metal Glazed Resistor
logo
HOKURIKU ELECTRIC INDUS...
E011203 HOKURIKU-E011203 Datasheet
107Kb / 3P
Miniature Glazed Metal Film Fixed Resistors
logo
YAGEO Corporation
HHV-25JT-52-1M YAGEO-HHV-25JT-52-1M Datasheet
274Kb / 2P
Metal Glazed Film Resistors
logo
List of Unclassifed Man...
MGR25 ETC-MGR25 Datasheet
476Kb / 1P
METAL GLAZED RESISTORS
logo
WALSIN TECHNOLOGY CORPO...
SF25Q WALSIN-SF25Q Datasheet
2Mb / 10P
SMD metal film resistor
logo
Stackpole Electronics, ...
MLF SEI-MLF Datasheet
698Kb / 11P
Metal Film Melf Resistor
8/10/2022
logo
RFE international
MGHV25 RFE-MGHV25 Datasheet
603Kb / 3P
METAL GLAZED FILM RESISTOR
2020.08.14
MGHV RFE-MGHV Datasheet
603Kb / 3P
METAL GLAZED FILM RESISTOR
2020.08.14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com