Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOR Datasheet(PDF) 1 Page - RFE international

Part # MOR
Description  Power Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MOR Datasheet(HTML) 1 Page - RFE international

  MOR Datasheet HTML 1Page - RFE international MOR Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Resistors
MOR Series: Metal Oxide
INTRODUCTION
FEATURES
PART NUMBER EXAMPLE
RESISTANCE
1M
1M00
15K
15K0
1.5K
1K50
1.5
1R50
0.5
0R50
Ohms
Code
PACKAGING
DIMENSIONS (mm)
TOLERANCE
*Code A (Taped and Ammo) is standard.
DEC-29-2023
Page 1 of 2
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
MOR 50 A-10K0-J
*Code J (5%) is standard.


Similar Part No. - MOR

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MOR-100-S MULTICOMP-MOR-100-S Datasheet
523Kb / 6P
Metal Oxide Film Resistors
11/08/20 V1.2
MOR-300-S MULTICOMP-MOR-300-S Datasheet
523Kb / 6P
Metal Oxide Film Resistors
11/08/20 V1.2
MOR-50-S MULTICOMP-MOR-50-S Datasheet
523Kb / 6P
Metal Oxide Film Resistors
11/08/20 V1.2
MOR-700 MULTICOMP-MOR-700 Datasheet
523Kb / 6P
Metal Oxide Film Resistors
11/08/20 V1.2
logo
List of Unclassifed Man...
MOR01S ETC2-MOR01S Datasheet
74Kb / 9P
Metal Oxide Film Resistors
More results

Similar Description - MOR

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
KHR4-T600 RIEDON-KHR4-T600 Datasheet
349Kb / 2P
Power Resistors
KHR2-T227 RIEDON-KHR2-T227 Datasheet
340Kb / 3P
Power Resistors
KPR2-T218 RIEDON-KPR2-T218 Datasheet
310Kb / 2P
Power Resistors
NPR2-T220 RIEDON-NPR2-T220 Datasheet
371Kb / 3P
Power Resistors
logo
MERITEK ELECTRONICS COR...
MTR MERITEK-MTR Datasheet
284Kb / 8P
Power Resistors
logo
Riedon Powertron
NPR2-T220 RIEDON-NPR2-T220_13 Datasheet
209Kb / 3P
Power Resistors
logo
Dubilier
DWR01J75RT52 DUBILIER-DWR01J75RT52 Datasheet
326Kb / 2P
Resistors Power Wire Wound Resistors
logo
Riedon Powertron
KHN2-T227-20-OHM-5 RIEDON-KHN2-T227-20-OHM-5 Datasheet
226Kb / 3P
Power Resistors
KHR4-T227-1.0-OHM-5 RIEDON-KHR4-T227-1.0-OHM-5 Datasheet
226Kb / 3P
Power Resistors
logo
RFE international
RHA RFE-RHA Datasheet
2Mb / 3P
Power Resistors
12-11-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com