Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISF1069 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISF1069
Description  N-Channel Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISF1069 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISF1069 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISF1069 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISF1069
eq STW6N95K5
N-Channel Power MOSFET
www.iscsemi.com
1
DESCRIPTION
·
Drain Current -ID= 9A@ TC=25℃
·
Drain Source Voltage
-VDSS= 950V(Min)
·
Static Drain-Source On-Resistance
-RDS(on) = 1.25Ω(Max)@VGS= 10V
APPLICATIONS
·
DC-DC converter
·
Battery Chargers
·
High speed power switch
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
950
V
VGSS
Gate-Source Voltage
±
30
V
ID
Drain Current-continuous@ TC=25℃
9
A
ID
Drain Current-continuous@ TC=100℃
6
A
IDM
Pulse Drain Current
36
A
PD
Total Dissipation@TC=25℃
90
W
TJ
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.39
℃
/W


Similar Part No. - ISF1069

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ISF106 RECTRON-ISF106 Datasheet
112Kb / 5P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Inchange Semiconductor ...
ISF1060 ISC-ISF1060 Datasheet
372Kb / 3P
N-Channel MOSFET
ISF1061 ISC-ISF1061 Datasheet
318Kb / 2P
N-Channel MOSFET
ISF1063 ISC-ISF1063 Datasheet
285Kb / 2P
isc N-Channel MOSFET Transistor
ISF1064 ISC-ISF1064 Datasheet
259Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - ISF1069

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com