Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMS Datasheet(PDF) 3 Page - RFE international

Part # RMS
Description  SMD RESISTOR ** ANTI-SULFUR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RMS Datasheet(HTML) 3 Page - RFE international

  RMS Datasheet HTML 1Page - RFE international RMS Datasheet HTML 2Page - RFE international RMS Datasheet HTML 3Page - RFE international RMS Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TEST PROCEDURES & REQUIREMENTS
Page 3 of 4
250
200
150
100
50
1
1
1
1
Peak:
250
ºC
+5
0
230ºC or Higher
Pre Heating Zone
180ºC
150ºC
90 + 30 s
30 + 10 s
Soldering Zone
Heating Time
Test Item
Test Method
Procedure
Requirements
JIS C 5201-1
Clause 4.8
-55°C ~ +155°C, 20°C is the reference temperature
Refer to Ratings
IR Reflow
Sony SS-00254
Leaching
Sony SS-00254-9
260 ±5°C for 30 seconds
> 95% Coverage
Soldering Heat
Electric Iron
Sony SS-00254-5
Max Overload Voltage for 1 min.
≥ 10G
±1: ±(1.0%+0.05Ω)
±5: ±(2.0%+0.1Ω)
General:
2.5 times RCWV or Max. Overload voltage for 5 seconds
High Power:
2.5 times RCWV or Max. Overload voltage for 2 seconds
JIS C 5201-1
Clause 4.13
Temperature
Coefficient of
Resistance (T.C.R.)
Short Time
Overload
±1: ±(1.0%+0.05Ω)
±5: ±(2.0%+0.1Ω)
260 ±5°C for 10 seconds
JIS C 5201-1
Clause 4.18
±1: ±(0.5%+0.05Ω)
±5: ±(1.0%+0.05Ω)
-55°C ~ +155°C, 5 cycles
0.1% 0.5% 1%
±(0.5%+0.05Ω)
2% 5%
±(1.0%+0.1Ω)
'
'
'
JIS C 5201-1
Clause 4.19
Temperature
Cycling
Preheating termperature: 350 ± 5°C
Electric Iron preheating time: 3 +1/-0 sec.
±1: ±(0.5%+0.05Ω)
±5: ±(1.0%+0.05Ω)
0.1% 0.5% 1%
±(0.5%+0.05Ω)
2% 5%
±( .0%+0.1Ω)
'
'
'
3
0.1% 0.5% 1%
±(
%+0.05Ω)
2% 5%
±(
%+0.1Ω)
'
'
1.0
'
3.0
±1: ±(0.5%+0.05Ω)
±5: ±(1.0%+0.05Ω)
±1: ±(1.0%+0.05Ω)
±5: ±(1.0%+0.05Ω)
The tested resistor be immersed into isopropyl alcoho
of 20~25°C for 60 seconds.
Then the resistor is left in the room for 48 hours.
JIS C 5201-1
Clause 4.29
Resistance to
Solvent
JIS C 5201-1
Clause 4.24
Load Life
in Humidity
40 ± 2°C, 90~95% R.H. or Max. working voltage for
1000 hours with 1.5 hrs “ON” and 0.5hr “OFF”.
70 ± 2°C, or Max. working voltage for 1000 hours
with 1.5 hrs “ON” and 0.5hr “OFF”.
JIS C 5201-1
Clause 4.25
Load Life
(Endurance)
Bending once for 5 seconds
D: RMS Series 0402 ' 0603 ' 0805 = 5mm
RMS Series 1206 ' 1210 ' 1812 = 3mm
RMS Series 1218 ' 2010 ' 2512 = 2mm
JIS C 5201-1
Clause 4.33
Terminal Bending
Strength
JIS C 5201-1
Clause 4.6
Insulation
Resistance
SMD RESISTOR
** ANTI-SULFUR
RMS Series: Thick Film
1~10M Ω
RoHS
C2BB03
2012.12.20
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com