Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMTH Datasheet(PDF) 1 Page - RFE international

Part # RMTH
Description  Surface Mount Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RMTH Datasheet(HTML) 1 Page - RFE international

  RMTH Datasheet HTML 1Page - RFE international RMTH Datasheet HTML 2Page - RFE international RMTH Datasheet HTML 3Page - RFE international RMTH Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RATINGS & RESISTANCE RANGE
PART NUMBER EXAMPLE
RESISTANCE CODE
TOLERANCE CODE
100K
100K
Surface Mount Resistors
RMTH Series: Thin Film, High Power
INTRODUCTION
FEATURES
CONSTRUCTION
DIMENSIONS
17-MAR-2023
Page 1 of 4
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
H
See RMTUH12 for Triple Power
L
W
H
C
D
RMTH04 (0402) 1.00±0.20 0.50±0.15 0.30±0.05 0.20±0.10 0.20±0.10
RMTH06 (0603) 1.60±0.20 0.80±0.15 0.40±0.10 0.30±0.20 0.30±0.15
RMTH10 (0805) 2.00±0.20 1.25±0.20 0.50±0.15 0.35±0.15 0.35±0.15
RMTH12 (1206) 3.20±0.20 1.60±0.20 0.55±0.15 0.45±0.20 0.45±0.20
RMTH25 (1210) 3.20±0.20 2.50±0.20 0.55±0.15 0.50±0.20 0.50±0.20
RMTH50 (2010) 5.00±0.20 2.50±0.20 0.55±0.10 0.60±0.20 0.60±0.20
RMTH1W (2512) 6.30±0.20 3.20±0.20 0.55±0.10 0.60±0.20 0.60±0.20
Size Code
Max. Dimension (mm)
B(±0.1%) C(±0.1%) D(±0.5%) F(±1%)
±10 & ±15
±25 & ±50
±10 & ±15
±25 & ±50
±10 & ±15
±25 & ±50
±10 & ±15
±25 & ±50
±10 & ±15
±25 & ±50
±10 & ±15
±25 & ±50
±10 & ±15
±25 & ±50
4.7 - 100K
2.49 - 100K
4.7 - 100K
2.49 - 100K
4.7 - 100K
2.49 - 100K
2.49 - 10K
4.7 - 47K
2.49 - 47K
4.7 - 100K
2.49 - 100K
4.7 - 100K
2.49 - 100K
300
400
10 - 10K
10 - 47K
10 - 100K
10 - 100K
10 - 100K
10 - 100K
10 - 100K
4.7 - 10K
RMTH50
(2010)
RMTH1W
(2512)
0.1W
0.125W
0.25W
0.5W
0.5W
0.75W
1W
RMTH06
(0603)
RMTH10
(0805)
RMTH12
(1206)
RMTH25
(1210)
50
150
200
100
RMTH04
(0402)
Resistance Range
Type
Rated
Power at
70 C
Max.
Working
Voltage
Max.
Overload
Voltage
T.C.R.
(PPM/C)
RMTH


Similar Part No. - RMTH

ManufacturerPart #DatasheetDescription
logo
RFE international
RMT RFE-RMT Datasheet
4Mb / 4P
Surface Mount Resistors
05-JUL-2023
logo
Ultralife Corporation.
RMT-103 ULTRALIFE-RMT-103 Datasheet
354Kb / 2P
Expansion Shelf
14 March 2016 Rev A
RMT-2 ULTRALIFE-RMT-2 Datasheet
287Kb / 2P
Transceiver Rack Mount Adapter
14 March 2016 Rev A
RMT-2-00-01 ULTRALIFE-RMT-2-00-01 Datasheet
287Kb / 2P
Transceiver Rack Mount Adapter
14 March 2016 Rev A
RMT-8 ULTRALIFE-RMT-8 Datasheet
331Kb / 2P
AC/DC Power Supply
11 March 2016 Rev A
More results

Similar Description - RMTH

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
OARS WELWYN-OARS Datasheet
2Mb / 3P
Surface Mount Sense Resistors
logo
Anaren Microwave
RFP-100200-4Y100-2 ANAREN-RFP-100200-4Y100-2 Datasheet
520Kb / 2P
Surface Mount Resistors
RFP-250250-4Y100-2 ANAREN-RFP-250250-4Y100-2 Datasheet
520Kb / 2P
Surface Mount Resistors
RFP-250375-4Y100-2 ANAREN-RFP-250375-4Y100-2 Datasheet
518Kb / 2P
Surface Mount Resistors
logo
List of Unclassifed Man...
OARSXPR002FLF ETC2-OARSXPR002FLF Datasheet
854Kb / 5P
Surface Mount Sense Resistors
logo
RFE international
LRMA RFE-LRMA Datasheet
1Mb / 9P
SURFACE MOUNT RESISTORS
2022.03.23
RCN RFE-RCN Datasheet
724Kb / 4P
SURFACE MOUNT RESISTORS
2013.03.26
RMF RFE-RMF Datasheet
54Kb / 1P
SURFACE MOUNT RESISTORS
2014.10.13
RMT RFE-RMT Datasheet
4Mb / 4P
Surface Mount Resistors
05-JUL-2023
RMTUH RFE-RMTUH Datasheet
1Mb / 5P
Surface Mount Resistors
13-MAR-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com