Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRMA080505DR005FA Datasheet(PDF) 2 Page - RFE international

Part # LRMA080505DR005FA
Description  SURFACE MOUNT RESISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LRMA080505DR005FA Datasheet(HTML) 2 Page - RFE international

  LRMA080505DR005FA Datasheet HTML 1Page - RFE international LRMA080505DR005FA Datasheet HTML 2Page - RFE international LRMA080505DR005FA Datasheet HTML 3Page - RFE international LRMA080505DR005FA Datasheet HTML 4Page - RFE international LRMA080505DR005FA Datasheet HTML 5Page - RFE international LRMA080505DR005FA Datasheet HTML 6Page - RFE international LRMA080505DR005FA Datasheet HTML 7Page - RFE international LRMA080505DR005FA Datasheet HTML 8Page - RFE international LRMA080505DR005FA Datasheet HTML 9Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RoHS
Page 2 of 9
SURFACE MOUNT RESISTORS
LRMA Series: Metal Alloy, Very Low Resistance
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
2022.03.23
0.5% (D)
1.0% (F)
2.0% (G)
5.0% (J)
≤ ±75
77.72
100.00
---
0.5~0.75
0m50~0m75 : MnCuSn
≤ ±50
31.62
70.71
5~450
1~450
R001~R006 : MnCu
R007~R450 : FeCrAl
≤ ±75
63.24
141.42
---
0.5~0.75
0m50~0m75 : MnCuSn
≤ ±50
44.72
100.00
5~450
1~450
R001~R006 : MnCu
R007~R450 : FeCrAl
≤ ±75
77.45
173.20
---
0.5~0.75
0m50~0m75 : MnCuSn
≤ ±50
54.77
122.47
5~100
1~100
R001~R006 : MnCu
R007~R100 : FeCrAl
≤ ±100
141.42
282.84
0.2
≤ ±50
126.49
252.98
0.25~3
2728
4W
≤ ±50
31.62
63.24
7~450
4~450
R004~R450 : FeCrAl
≤ ±75
63.24
141.42
---
0.5
0m50 : MnCuSn
≤ ±50
44.72
100.00
5~100
1~100
R001~R040 : MnCu
R041~R100 : FeCrAl
≤ ±75
77.45
173.20
---
0.5
0m50 : MnCuSn
≤ ±50
54.77
122.47
5~60
1~60
R001~R040 : MnCu
R041~R60 : FeCrAl
≤ ±75
100.00
173.20
---
0.5
0m50 : MnCuSn
≤ ±50
70.71
122.47
5~500
1~500
R001~R040 : MnCu
R041~R500 : FeCrAl
Operation
Temperature
Range (°C)
-55 ~ +170
Size
Code
Rating
Power
at 70°C
T.C.R.
(ppm/°C)
Max.
Rating
Current
(A)
Max.
Overload
Current
(A)
Resistance Range
(mΩ)
2512
1W
2W
3W
Material
2725
4W
---
0m20~0m40 : MnCuSn
0m50~2m50 : MnCu
R003 : FeCrAl
4527
2W
3W
5W
JUMPER SPECIFICATION
Size
Code
Rating
Power
at 70°C
Max. Rating
Current (A)
Resistance
Range (m Ω)
Material
O peration
Tem perature
Range (°C)
0.5W
50A
≤ 0.20
1W
70.7A
≤ 0.20
1206
1W
70.7A
≤ 0.20
2512
2W
100A
≤ 0.20
0805
Jumper : Cu
Jumper : Cu
-55 ~ +170



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com