Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XU1007-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XU1007-BD
Description  27.0-36.0 GHz GaAs MMIC Transmitter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1007-BD Datasheet(HTML) 2 Page - Mimix Broadband

  XU1007-BD Datasheet HTML 1Page - Mimix Broadband XU1007-BD Datasheet HTML 2Page - Mimix Broadband XU1007-BD Datasheet HTML 3Page - Mimix Broadband XU1007-BD Datasheet HTML 4Page - Mimix Broadband XU1007-BD Datasheet HTML 5Page - Mimix Broadband XU1007-BD Datasheet HTML 6Page - Mimix Broadband XU1007-BD Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
27.0-36.0 GHz GaAs MMIC
Transmitter
Page 2 of 7
Transmitter Measurements
XU1007-BD ( IF = 3GHz, LO = -2, 0, +2dBm):
USB Conversion gain and Image Rejection vs. RF freq
-40
-38
-36
-34
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
RF freq (GHz)
, MeasFile=R3C3_0357_+2dBmLO_2302B_USB_9062004_1537.mix
, MeasFile=R3C6_0357_+2dBmLO_2302B_USB_9062004_1542.mix
, MeasFile=R4C4_0357_+2dBmLO_2302B_USB_9062004_1547.mix
, MeasFile=R5C2_0357_+2dBmLO_2302B_USB_9062004_1552.mix
, MeasFile=R6C4_0357_+2dBmLO_2302B_USB_9062004_1557.mix
, MeasFile=R3C3_0357_0dBmLO_2302B_USB_9062004_1502.mix
, MeasFile=R3C6_0357_0dBmLO_2302B_USB_9062004_1507.mix
, MeasFile=R4C4_0357_0dBmLO_2302B_USB_9062004_1511.mix
, MeasFile=R5C2_0357_0dBmLO_2302B_USB_9062004_1516.mix
, MeasFile=R6C4_0357_0dBmLO_2302B_USB_9062004_1521.mix
, MeasFile=R3C3_0357_-2dBmLO_2302B_USB_9062004_1415.mix
, MeasFile=R3C6_0357_-2dBmLO_2302B_USB_9062004_1419.mix
, MeasFile=R4C4_0357_-2dBmLO_2302B_USB_9062004_1424.mix
, MeasFile=R5C2_0357_-2dBmLO_2302B_USB_9062004_1429.mix
, MeasFile=R6C4_0357_-2dBmLO_2302B_USB_9062004_1433.mix
, MeasFile=R3C3_0357_+2dBmLO_2302B_USB_9062004_1537.mix
, MeasFile=R3C6_0357_+2dBmLO_2302B_USB_9062004_1542.mix
, MeasFile=R4C4_0357_+2dBmLO_2302B_USB_9062004_1547.mix
, MeasFile=R5C2_0357_+2dBmLO_2302B_USB_9062004_1552.mix
, MeasFile=R6C4_0357_+2dBmLO_2302B_USB_9062004_1557.mix
, MeasFile=R3C3_0357_0dBmLO_2302B_USB_9062004_1502.mix
, MeasFile=R3C6_0357_0dBmLO_2302B_USB_9062004_1507.mix
, MeasFile=R4C4_0357_0dBmLO_2302B_USB_9062004_1511.mix
, MeasFile=R5C2_0357_0dBmLO_2302B_USB_9062004_1516.mix
, MeasFile=R6C4_0357_0dBmLO_2302B_USB_9062004_1521.mix
, MeasFile=R3C3_0357_-2dBmLO_2302B_USB_9062004_1415.mix
, MeasFile=R3C6_0357_-2dBmLO_2302B_USB_9062004_1419.mix
, MeasFile=R4C4_0357_-2dBmLO_2302B_USB_9062004_1424.mix
, MeasFile=R5C2_0357_-2dBmLO_2302B_USB_9062004_1429.mix
, MeasFile=R6C4_0357_-2dBmLO_2302B_USB_9062004_1433.mix
Image Reject
Conv Gain
XU1007-BD (IF = 3GHz, LO = -2, 0, +2dBm):
LSB Conversion gain and Image Rejection vs. RF freq
-40
-38
-36
-34
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
RF freq (GHz)
, MeasFile=R3C3_0357_+2dBmLO_2302B_LSB_9062004_1608.mix
, MeasFile=R3C6_0357_+2dBmLO_2302B_LSB_9062004_1613.mix
, MeasFile=R4C4_0357_+2dBmLO_2302B_LSB_9062004_1618.mix
, MeasFile=R5C2_0357_+2dBmLO_2302B_LSB_9062004_1623.mix
, MeasFile=R6C4_0357_+2dBmLO_2302B_LSB_9062004_1628.mix
, MeasFile=R3C3_0357_0dBmLO_2302B_LSB_9062004_1639.mix
, MeasFile=R3C6_0357_0dBmLO_2302B_LSB_9062004_1644.mix
, MeasFile=R4C4_0357_0dBmLO_2302B_LSB_9062004_1648.mix
, MeasFile=R5C2_0357_0dBmLO_2302B_LSB_9062004_1653.mix
, MeasFile=R6C4_0357_0dBmLO_2302B_LSB_9062004_1658.mix
, MeasFile=R3C3_0357_-2dBmLO_2302B_LSB_9062004_1708.mix
, MeasFile=R3C6_0357_-2dBmLO_2302B_LSB_9062004_1713.mix
, MeasFile=R4C4_0357_-2dBmLO_2302B_LSB_9062004_1717.mix
, MeasFile=R5C2_0357_-2dBmLO_2302B_LSB_9062004_1722.mix
, MeasFile=R6C4_0357_-2dBmLO_2302B_LSB_9062004_1726.mix
, MeasFile=R3C3_0357_+2dBmLO_2302B_LSB_9062004_1608.mix
, MeasFile=R3C6_0357_+2dBmLO_2302B_LSB_9062004_1613.mix
, MeasFile=R4C4_0357_+2dBmLO_2302B_LSB_9062004_1618.mix
, MeasFile=R5C2_0357_+2dBmLO_2302B_LSB_9062004_1623.mix
, MeasFile=R6C4_0357_+2dBmLO_2302B_LSB_9062004_1628.mix
, MeasFile=R3C3_0357_0dBmLO_2302B_LSB_9062004_1639.mix
, MeasFile=R3C6_0357_0dBmLO_2302B_LSB_9062004_1644.mix
, MeasFile=R4C4_0357_0dBmLO_2302B_LSB_9062004_1648.mix
, MeasFile=R5C2_0357_0dBmLO_2302B_LSB_9062004_1653.mix
, MeasFile=R6C4_0357_0dBmLO_2302B_LSB_9062004_1658.mix
, MeasFile=R3C3_0357_-2dBmLO_2302B_LSB_9062004_1708.mix
, MeasFile=R3C6_0357_-2dBmLO_2302B_LSB_9062004_1713.mix
, MeasFile=R4C4_0357_-2dBmLO_2302B_LSB_9062004_1717.mix
, MeasFile=R5C2_0357_-2dBmLO_2302B_LSB_9062004_1722.mix
, MeasFile=R6C4_0357_-2dBmLO_2302B_LSB_9062004_1726.mix
Image Reject
Conv Gain
XU1007-BD
(IF=3GHz, LO=-2dBm, Vd1=4V, Id1=230mA, Vd2=4V, Id2=140mA):
IP1dB
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
25
26
27
28
29
30
31
32
33
34
35
36
37
RF Freq (GHz)
USB, LO=+2dBm,
LSB, LO=+2dBm
USB, LO=+0dBm
LSB, LO=+0dBm
USB, LO=-2dBm
LSB, LO=-2dBm
XU1007-BD
(IF=3GHz, LO=-2dBm, Vd1=4V, Id1=230mA, Vd2=4V, Id2=140mA):
OP1dB
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
25
26
27
28
29
30
31
32
33
34
35
36
37
RF Freq (GHz)
USB, LO=+2dBm,
LSB, LO=+2dBm
USB, LO=+0dBm
LSB, LO=+0dBm
USB, LO=-2dBm
LSB, LO=-2dBm
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
April 2007 - Rev 17-Apr-07
U1007-BD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com