Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5532AF Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SE5532AF
Description  Internally-compensated dual low noise operational amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SE5532AF Datasheet(HTML) 3 Page - NXP Semiconductors

  SE5532AF Datasheet HTML 1Page - NXP Semiconductors SE5532AF Datasheet HTML 2Page - NXP Semiconductors SE5532AF Datasheet HTML 3Page - NXP Semiconductors SE5532AF Datasheet HTML 4Page - NXP Semiconductors SE5532AF Datasheet HTML 5Page - NXP Semiconductors SE5532AF Datasheet HTML 6Page - NXP Semiconductors SE5532AF Datasheet HTML 7Page - NXP Semiconductors SE5532AF Datasheet HTML 8Page - NXP Semiconductors SE5532AF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
NE/SA/SE5532/5532A
Internally-compensated dual low noise
operational amplifier
1997 Sept 29
3
EQUIVALENT SCHEMATIC (EACH AMPLIFIER)
+
_
SL00333
Figure 2. Equivalent Schematic (Each Amplifier)
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VS
Supply voltage
±22
V
VIN
Input voltage
±VSUPPLY
V
VDIFF
Differential input voltage1
±0.5
V
TA
Operating temperature range
SA5532/A
–40 to +85
°C
NE5532/A
0 to 70
°C
SE5532/A
-55 to +125
°C
TSTG
Storage temperature
-65 to +150
°C
TJ
Junction temperature
150
°C
PD
Maximum power dissipation,
TA=25°C (still-air)2
8
D8 package
780
mW
8
N package
1200
mW
8
FE package
1000
mW
16
D package
1200
mW
TSOLD
Lead soldering temperature (10sec max)
300
°C
NOTES:
1. Diodes protect the inputs against over-voltage. Therefore, unless current-limiting resistors are used, large currents will flow if the differential
input voltage exceeds 0.6V. Maximum current should be limited to
±10mA.
2. Thermal resistances of the above packages are as follows:
N package at 100
°C/W
F package at 135
°C/W
D package at 105
°C/W
D8 package at 160
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com