Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358AD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LM358AD
Description  Low power dual operational amplifi
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM358AD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LM358AD Datasheet HTML 3Page - NXP Semiconductors LM358AD Datasheet HTML 4Page - NXP Semiconductors LM358AD Datasheet HTML 5Page - NXP Semiconductors LM358AD Datasheet HTML 6Page - NXP Semiconductors LM358AD Datasheet HTML 7Page - NXP Semiconductors LM358AD Datasheet HTML 8Page - NXP Semiconductors LM358AD Datasheet HTML 9Page - NXP Semiconductors LM358AD Datasheet HTML 10Page - NXP Semiconductors LM358AD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product data
NE/SA/SE532/
LM258/358/A/2904
Low power dual operational amplifiers
2002 Jul 12
7
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
15
10
5
NEGATIVE
POSITIVE
0
5
10
15
V+ OR V– — POWER SUPPLY VOLTAGE (+ VDC)
VCM = 0 VDC
V+ = +30 VDC
V+ = +15 VDC
V+ = +5 VDC
90
80
70
60
50
40
30
20
10
0
–55 –35 –15
5
25
45
65
85 105 125
Tamb — TEMPERATURE (°C)
100
Ω
100
Ω
7.5 VDC
VO
100 k
Ω
–
+
+
VIN
+7.5 VDC
120
100
80
60
40
20
0
100
1k
10k
100k
1M
f — FREQUENCY (Hz)
Input Voltage Range
Input Current
Common–Mode Rejection Ratio
SL00285
100 k
Ω
Figure 4. Typical performance characteristics (continued).
TYPICAL APPLICATIONS
V+
2
Non-Inverting Amplifier
RF
V+
8
RL
VO
RIN
V+
2
V
IN
–
+
4
V+
8
VO
V
IN
–
+
4
V+
10 k
Ω
V+
8
VO
V
IN
–
+
4
V+
RF
BLOCKS
DC.
GAIN
R1
Single Supply Inverting Amplifier
Input Biasing Voltage Follower
SL00286
10 k
Ω
10 k
Ω
10 k
Ω
Figure 5. Typical applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com