Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE567 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NE567
Description  Tone decoder/phase-locked loop
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE567 Datasheet(HTML) 3 Page - NXP Semiconductors

  NE567 Datasheet HTML 1Page - NXP Semiconductors NE567 Datasheet HTML 2Page - NXP Semiconductors NE567 Datasheet HTML 3Page - NXP Semiconductors NE567 Datasheet HTML 4Page - NXP Semiconductors NE567 Datasheet HTML 5Page - NXP Semiconductors NE567 Datasheet HTML 6Page - NXP Semiconductors NE567 Datasheet HTML 7Page - NXP Semiconductors NE567 Datasheet HTML 8Page - NXP Semiconductors NE567 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SE567
Tone decoder/phase-locked loop
April 15, 1992
405
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Plastic SO
0 to +70
°C
NE567D
0174C
14-Pin Cerdip
0 to +70
°C
NE567F
0581B
8-Pin Plastic DIP
0 to +70
°C
NE567N
0404B
8-Pin Plastic SO
-55
°C to +125°C
SE567D
0174C
8-Pin Cerdip
-55
°C to +125°C
SE567FE
0581B
8-Pin Plastic DIP
-55
°C to +125°C
SE567N
0404B
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
TA
Operating temperature
NE567
0 to +70
°C
SE567
-55 to +125
°C
VCC
Operating voltage
10
V
V+
Positive voltage at input
0.5 +VS
V
V-
Negative voltage at input
-10
VDC
VOUT
Output voltage (collector of output transistor)
15
VDC
TSTG
Storage temperature range
-65 to +150
°C
PD
Power dissipation
300
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com