Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE567D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # NE567D
Description  Tone decoder/phase-locked loop
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE567D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button NE567D Datasheet HTML 5Page - NXP Semiconductors NE567D Datasheet HTML 6Page - NXP Semiconductors NE567D Datasheet HTML 7Page - NXP Semiconductors NE567D Datasheet HTML 8Page - NXP Semiconductors NE567D Datasheet HTML 9Page - NXP Semiconductors NE567D Datasheet HTML 10Page - NXP Semiconductors NE567D Datasheet HTML 11Page - NXP Semiconductors NE567D Datasheet HTML 12Page - NXP Semiconductors NE567D Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SE567
Tone decoder/phase-locked loop
April 15, 1992
411
C
2 +
130
f
O
m F
C
3 +
260
f
O
m F
In cases where turn-off time can be sacrificed to achieve fast
turn-on, the optional sensitivity adjustment circuit can be used to
move the quiescent C3 voltage lower (closer to the threshold
voltage). However, sensitivity to beat frequencies, noise and
extraneous signals will be increased.
OPTIONAL CONTROLS (Figure 3)
The 567 has been designed so that, for most applications, no
external adjustments are required. Certain applications, however,
will be greatly facilitated if full advantage is taken of the added
control possibilities available through the use of additional external
components. In the diagrams given, typical
values are suggested where applicable. For best results the
resistors used, except where noted, should have the same
temperature coefficient. Ideally, silicon diodes would be
low-resistivity types, such as forward-biased transistor base-emitter
junctions. However, ordinary low-voltage diodes should be adequate
for most applications.
DETECTION BAND — % OF fO
Figure 6. BW Reduction
NOTE:
130
f
O
10k
)
R
R
t
C
2 t
1300
f
O
10k
)
R
R
Adjust control for symmetry of detection band edges
about fO.
250
200
150
100
50
0
0
2
4
6
8
10
12
14
16
0.5k 0.9k 1.4k
1.9k
2.5k 3.2k
4.0k
10k
20k
100k
R
OPTIONAL SILICON
DIODES FOR
TEMPERATURE
COMPENSATION
PIN 2
567
V+
C2
RA
RB
RC
R
+ R
A )
R
B
R
C
R
B )
R
C
50k
SENSITIVITY ADJUSTMENT (Figure 3)
When operated as a very narrow-band detector (less than 8
percent), both C2 and C3 are made quite large in order to improve
noise and out-band signal rejection. This will inevitably slow the
response time. If, however, the output stage is biased closer to the
threshold level, the turn-on time can be
improved. This is accomplished by drawing additional current to
terminal 1. Under this condition, the 567 will also give an output for
lower-level signals (10mV or lower).
By adding current to terminal 1, the output stage is biased further
away from the threshold voltage. This is most useful when, to obtain
maximum operating speed, C2 and C3 are made very small.
Normally, frequencies just outside the detection band could cause
false outputs under this condition. By desensitizing the output stage,
the out-band beat notes do not feed through to the output stage.
Since the input level must
Figure 7. Output Latching
NOTE:
CA prevents latch-up when power supply is turned on.
V+
C3
RL
V+
CA
RA
10k
567 8
1
UNLATCH
20k
Rf
V+
567 8
1
20k
C3
RL
Rf
UNLATCH
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com