Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE567F Datasheet(PDF) 13 Page - NXP Semiconductors

Part # NE567F
Description  Tone decoder/phase-locked loop
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE567F Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button NE567F Datasheet HTML 5Page - NXP Semiconductors NE567F Datasheet HTML 6Page - NXP Semiconductors NE567F Datasheet HTML 7Page - NXP Semiconductors NE567F Datasheet HTML 8Page - NXP Semiconductors NE567F Datasheet HTML 9Page - NXP Semiconductors NE567F Datasheet HTML 10Page - NXP Semiconductors NE567F Datasheet HTML 11Page - NXP Semiconductors NE567F Datasheet HTML 12Page - NXP Semiconductors NE567F Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SE567
Tone decoder/phase-locked loop
April 15, 1992
415
TYPICAL APPLICATIONS (Continued)
Oscillator With Quadrature Output
Oscillator With Double Frequency
Output
Precision Oscillator With 20ns
Switching
Pulse Generator With 25% Duty Cycle
Precision Oscillator to Switch 100mA
Loads
Pulse Generator
CONNECT PIN 3
TO 2.8V TO
INVERT OUTPUT
567
3
2
6
5
8
+
RL
RL > 1000Ω
R1
CL
80
°
+
RL
R1
10k
C1
C2
567
3
2
6
5
8
fO
567
2
6
5
RL > 1000Ω
R1
C1
C2
VCO
TERMINAL
(
±6%)
+
567
1
3
6
5
8
RL
R1
C1
10k
Ω
+
567
1
2
6
5
8
RL
R1
C1
C2
VCO
TERMINAL
(
±6%)
567
6
5
OUTPUT
DUTY
CYCLE
ADJUST
C1
1k
Ω (MIN)
100k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com