Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6SM30AXIC Datasheet(PDF) 1 Page - Marathon Special Products

Part # 6SM30AXIC
Description  600 Volts (AC/DC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

6SM30AXIC Datasheet(HTML) 1 Page - Marathon Special Products

  6SM30AXIC Datasheet HTML 1Page - Marathon Special Products 6SM30AXIC Datasheet HTML 2Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Product Data Sheet
www.marathonsp.com
Agency Compliance
•
cULus Listed file no. IZLT2.E35113
•
CE compliant to IEC 60947-1
•
IEC 60529 degree of protection IP20
Material Information
•
Insulator base:
•
Glass filled polyamide
•
Flammability rating of insulator base UL94 V-2
•
Insulator base temperature rating: -40°C to 130°C (UL RTI)
•
Fuseclips & Contacts - plated copper
•
Terminal Box, Spring & Screws - plated steel
•
RoHS compliant
Wire Range
•
Line/Load #6-18 AWG CU
•
Factory & Field Wiring
•
30 Amps max
•
600 Volts (AC/DC)
•
Withstand Rating (SC) 200kA
•
Minimum Indicator Voltage - 65 Vac / 90V-AC
Electical Ratings
Fuse Holder, Enclosed
6SM30AxIC
Replace “x” with 1, 2, or 3 for number of poles.
For use with 10x38mm fuses only.


Similar Part No. - 6SM30AXIC

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
6SM30AXC MARATHON-6SM30AXC Datasheet
331Kb / 2P
1000 Volts (AC/DC)
10/05/23
More results

Similar Description - 6SM30AXIC

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
1MS102 MARATHON-1MS102 Datasheet
169Kb / 3P
600 Volts AC/DC
REV-D 3/3/2020
1MS103 MARATHON-1MS103 Datasheet
178Kb / 3P
600 Volts AC/DC
REV-D 3/3/2020
1MS104 MARATHON-1MS104 Datasheet
183Kb / 3P
600 Volts AC/DC
REV-D 3/3/2020
6F200AXBE MARATHON-6F200AXBE Datasheet
230Kb / 2P
600 Volts AC/DC
REV-E 03/13/2020
6M30AXB MARATHON-6M30AXB Datasheet
239Kb / 3P
600 Volts AC/DC
REV-D 02/19/2019
6M30AXSPQ MARATHON-6M30AXSPQ Datasheet
272Kb / 3P
600 Volts AC/DC
REV-D 02/19/2019
6M30AXSQ MARATHON-6M30AXSQ Datasheet
227Kb / 3P
600 Volts AC/DC
REV-D 01/20/2019
R6F60AXB MARATHON-R6F60AXB Datasheet
193Kb / 3P
600 Volts AC/DC
REV-D 05/08/2019
R6J30AXB MARATHON-R6J30AXB Datasheet
393Kb / 3P
600 Volts AC/DC
REV-D 03/05/2019
R6J30AXS MARATHON-R6J30AXS Datasheet
335Kb / 3P
600 Volts AC/DC
REV-D 12/12/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com