Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5534AF Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SE5534AF
Description  Dual and single low noise op amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SE5534AF Datasheet(HTML) 3 Page - NXP Semiconductors

  SE5534AF Datasheet HTML 1Page - NXP Semiconductors SE5534AF Datasheet HTML 2Page - NXP Semiconductors SE5534AF Datasheet HTML 3Page - NXP Semiconductors SE5534AF Datasheet HTML 4Page - NXP Semiconductors SE5534AF Datasheet HTML 5Page - NXP Semiconductors SE5534AF Datasheet HTML 6Page - NXP Semiconductors SE5534AF Datasheet HTML 7Page - NXP Semiconductors SE5534AF Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors Linear Products
Product specification
NE5533/5533A/
NE/SA/SE5534/5534A
Dual and single low noise op amp
August 31, 1994
116
DC ELECTRICAL CHARACTERISTICS
TA=25°C, VS=±15V, unless otherwise specified. 1, 2, 3
SYMBOL
PARAMETER
TEST CONDITIONS
SE5534/5534A
NE5533/5533A
NE/SA5534/5534A
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
UNIT
VOS
0.5
2
0.5
4
mV
Offset voltage
Over temperature
3
5
mV
∆VOS/∆T
5
5
µV/°C
IOS
10
200
20
300
nA
Offset current
Over temperature
500
400
nA
∆IOS/∆T
200
200
pA/
°C
IB
400
800
500
1500
nA
Input current
Over temperature
1500
2000
nA
∆IB/∆T
5
5
nA/
°C
ICC
Supply current
per op amp
Over temperature
4
6.5
9
4
8
10
mA
mA
VCM
Common mode input range
±12
±13
±12
±13
V
CMRR
Common mode rejection ratio
80
100
70
100
dB
PSRR
Power supply rejection ratio
10
50
10
100
µV/V
AVOL
Large-signal voltage gain
RL≥600Ω, VO=±10V
Over temperature
50
25
100
25
15
100
V/mV
V/mV
VOUT
Output swing
RL≥600Ω
Over temperature
RL≥600Ω, VS=±18V
RL≥2kΩ
Over temperature
±12
±10
±15
±13
±12
±13
±12
±16
±13.5
±12.5
±12
±10
±15
±13
±12
±13
±12
±16
±13.5
±12.5
V
V
V
V
V
RIN
Input resistance
50
100
30
100
k
Ω
ISC
Output short circuit current
38
38
mA
NOTES:
1. For NE5533/5533A/5534/5534A, TMIN = 0°C, TMAX = 70°C
2. For SE5534/5534A, TMIN = -55°C, TMAX = +125°C
3. For SA5534/5534A, TMIN = -40°C, TMAX = +125°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com