Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCT11 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CCT11
Description  Camcirc metal and rubber caps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CCT11 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CCT11 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
153
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
PCB TERMINAL
BLOCKS
0 02
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
CIRCULAR C ONNECT ORS
158
INTERFACE
MODULES AND
RELAY BASES
PL UGS
SOCKET S
AC CES SORIES
FM 28614
Camcir c metal and rubber
caps
PART NO.
DESCRIPTION
SIZE
CCA12
Rubber cap for circular connector plugs
102
CCA22
Rubber cap for circular connector plugs
103
CCA32
Rubber cap for circular connector plugs
1031
CCA42
Rubber cap for circular connector plugs
104
CCT12
Rubber cap for circular connector sockets
102
CCT22
Rubber cap for circular connector sockets
103
CCT32
Rubber cap for circular connector sockets
1031
CCT42
Rubber cap for circular connector sockets
104
Soft rubber cap
Pr oduct o v ervie w
• Caps for both plugs and sockets
• Sizes to match 102, 103, 1031 and 104
connectors
Rubber cap
Metal cap
PART NO.
DESCRIPTION
SIZE
CCT11
Metal cap for circular connector plugs
102
CCT21
Metal cap for circular connector plugs
103
CCT31
Metal cap for circular connector plugs
1031
CCT41
Metal cap for circular connector plugs
104
Metal cap


Similar Part No. - CCT11

ManufacturerPart #DatasheetDescription
logo
Amphenol Industrial Pro...
CCT1000 AIO-CCT1000 Datasheet
4Mb / 3P
UL 1977 Effortless & Arcless Din Connectors 160A/320A/430A
logo
CamdenBoss Ltd.
CCT1S1 CAMDENBOSS-CCT1S1 Datasheet
304Kb / 1P
Push-pull connecto r s female cable mount CCT series
More results

Similar Description - CCT11

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QSEC QUALTEK-QSEC Datasheet
590Kb / 1P
END CAPS
QSEC QUALTEK-QSEC_13 Datasheet
763Kb / 1P
END CAPS
logo
List of Unclassifed Man...
KTSC-22Y ETC2-KTSC-22Y Datasheet
153Kb / 3P
Caps for MCDTS2 Series Keyboard Switches and Accessories
logo
Glenair, Inc.
187-019 GLENAIR-187-019 Datasheet
134Kb / 1P
Pin and Socket Dust Caps
logo
Amphenol Corporation
P-MUSB-2E151-0X5BP AMPHENOL-P-MUSB-2E151-0X5BP Datasheet
48Kb / 1P
RUBBER: SILICONE RUBBER
logo
PUI audio inc.
AS02504PR-N50-R PUIAUDIO-AS02504PR-N50-R Datasheet
616Kb / 5P
Paper cone and rubber surround
AS03604MR-N50-R PUIAUDIO-AS03604MR-N50-R Datasheet
806Kb / 5P
Black poly cone and rubber surround
AS04004MR-N50-R PUIAUDIO-AS04004MR-N50-R Datasheet
616Kb / 5P
Silver poly cone and rubber surround
AS04004MR-N50-WP-R PUIAUDIO-AS04004MR-N50-WP-R Datasheet
397Kb / 6P
Silver poly cone and rubber surround
logo
CamdenBoss Ltd.
CCU1C-AG CAMDENBOSS-CCU1C-AG Datasheet
299Kb / 1P
Camcirc cable clamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com