Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCD2S1 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CCD2S1
Description  Push-pull connecto r s female f i xed socket CCD series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CCD2S1 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CCD2S1 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
144
DIECAST
ACCESSORIES
PCB TERMINAL
BLOCKS
0 02
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
CIRCULAR C ONNECT ORS
158
INTERFACE
MODULES AND
RELAY BASES
PL UGS
SOCKET S
AC CES SORIES
FM 28614
P ush-pull c onnect ors f emale
fix ed sock et C CD series
C CD2S1/ 04
4 pole
• Premium range of circular connectors
• IP68 sealed using vacuum technology
(when connected and using
environmental cable clamp)
• Tough, high performance interconnection
solution
• Ideal for harsh and extreme environments
• Suitable for broadcasting, autosport,
military, rail, marine, security, industrial
and agricultural applications
• Key coded to prevent misconnection
• Will not disconnect when the cable is
under load or stress
• Tested to IEC 60512-3-5a
SPECIFICATION
Shell style/model
DBEU type fixed socket,
female contact
Codes
Code 1
Contact type
Solder type
Contact diameter
0.9mm
Max. stranded conductor
AWG 21-22
Max diameter
0.79mm
Vtest (contact-shell)
1200V(AC)
2000V(DC)
Vtest (contact-contact)
1600V(AC)
2400V(DC)
Rated current
7.0A
Rated voltage
≤250V
Mechanical operation
5000 mating cycles
Housing material
Brass (natural chrome
plated) shell and collet nut,
nickel plated brass latch
sleeve and mid pieces
Insulator
PPS
Contacts
Brass (gold plated)
Humidity (max)
<=95% [at 60°C /140°F]
Vibration
15g [10 Hz - 2000 Hz]
Shock resistance
100g [6 ms]
Salt spray corrosion
>72 hr
Climatical category
50/175/21
Shielding (min)
75 dB (10 MHz)
Shielding (min)
40 dB (1 GHz)
IP rating
IP68 (when connected
and using
environmental cable clamp)
CCD2S1/04
PART NO.
DESCRIPTION
POLES
SERIES
CCD2S1/04
Female fixed
socket
04
CCD
series
KEY FEATURES
K e y c oded | P anel mounting sock et | Raised plug f or loca tion in lo w light c onditions
AC CES SORIES
Metal and rubber caps f or sock ets
PART NO.
DESCRIPTION
CCT21
Camcirc metal cap for sockets A2
PART NO.
DESCRIPTION
CCT22
Camcirc rubber cap for sockets A2
A S SOCIATED PRODUCT S
C CA2P1/A04
- C CA Series A2 siz e plug
page 108
~ 25
13
14
3
0-4
17


Similar Part No. - CCD2S1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
CCD20101 MOLEX4-CCD20101 Datasheet
73Kb / 3P
InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire
CCD20101 MOLEX4-CCD20101 Datasheet
74Kb / 3P
InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire
CCD20101 MOLEX4-CCD20101 Datasheet
74Kb / 3P
InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire
CCD20101 MOLEX4-CCD20101 Datasheet
73Kb / 3P
InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire
CCD20101 MOLEX4-CCD20101 Datasheet
73Kb / 3P
InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire
More results

Similar Description - CCD2S1

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CCB1S1 CAMDENBOSS-CCB1S1 Datasheet
287Kb / 1P
Push-pull connecto r s female f i xed socket CCB series
CCB2S1 CAMDENBOSS-CCB2S1 Datasheet
276Kb / 1P
Push-pull connecto r s female f i xed socket CCB series
CCB3S1 CAMDENBOSS-CCB3S1 Datasheet
289Kb / 1P
Push-pull connecto r s female f i xed socket CCB series
CCB4S1 CAMDENBOSS-CCB4S1 Datasheet
280Kb / 1P
Push-pull connecto r s female f i xed socket CCB series
CCE1S1 CAMDENBOSS-CCE1S1 Datasheet
269Kb / 1P
Push-pull connecto r s female f i xed socket CCE series
CCL2S1 CAMDENBOSS-CCL2S1 Datasheet
266Kb / 1P
Push-pull connecto r s female f i xed socket CCL series
CCM1S1 CAMDENBOSS-CCM1S1 Datasheet
273Kb / 1P
Push-pull connecto r s female f i xed socket CCM series
CCM2S1 CAMDENBOSS-CCM2S1 Datasheet
288Kb / 1P
Push-pull connecto r s female f i xed socket CCM series
CCM3S1 CAMDENBOSS-CCM3S1 Datasheet
284Kb / 1P
Push-pull connecto r s female f i xed socket CCM series
CCM4S1 CAMDENBOSS-CCM4S1 Datasheet
297Kb / 1P
Push-pull connecto r s female f i xed socket CCM series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com