Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS113A Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CS113A
Description  Compact 8-11 Pin Commercial Relay Bases
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CS113A Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CS113A Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCB
TERMINAL
BLOCKS
INTER-
CONNECTION
FUSES &
FUSE-
HOLDERS
LEDs &
INDICATORS
MINIATURE
SWITCHES
LIMIT &
SAFETY
SWITCHES
CONTROL
PRODUCTS
INTERFACE
MODULES &
SUPPORTS
RELAY
BASES
DIN RAIL
ENCLOSURES
BATTERIES
TRANS-
FORMERS
RELAY BASES
189
Compact 8-11 Pin Commercial Relay Bases
• DIN rail (EN50022) or chassis
screw mounting
• Screw driver release DIN clip
• Rising saddle terminals for
ease of wire insertion
• Accepts fork, ferule and ring
terminals (ring non IP20 only)
• 2 x 2.5mm2
cable acceptance
• 2x1.5mm2 bootlace crimp
• IP20 finger protection types
• Relay retaining
clip accessory
• Tubular contacts for
reliability
• Terminal numbering to
DIN 46199
• G rail adaptor available
•
& CE approved
SPECIFICATION
Rating
Dielectric Strength
Working temperature
Insulation resistance
Moulding
Contacts
Screws
Terminal Screw torque
Insertion Force
10A/250VAC
>2kV
-25°C to 55°C
1,000MΩ/500VDC
UL94-V0 PA66
Phosphor bronze, tin-plated <3µm
Low carbon steel, lower layer copper plating
<2µm, surface layer nickel plating <3µm
0.7Nm max
100N max
TYPE NO.
CS083A
CS083AN
CS113A
CS113AN
CSC03
DESCRIPTION
8-pin open
8-pin IP20 finger protection
11-pin open
11-pin IP20 finger protection
Retaining Clip
CS113A
CS083AN
CS083A
CS113A
CS083AN
CS113AN
CSC03
Supplied in pairs
Fits 50mm relay height
+44 (0)1638 716101
info@camdenboss.com
www.camdenboss.com
We operate a constant improvement policy,
our products are subject to change without notice.
E L E C T RO N I C S & E NC LO S UR E S
Ver 1.1
TRANS-
FORMERS
SOLAR
PANELS


Similar Part No. - CS113A

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CS113A CAMDENBOSS-CS113A Datasheet
339Kb / 1P
Compact 8-11 Pin Commercial Relay Bases
CS113AN CAMDENBOSS-CS113AN Datasheet
339Kb / 1P
Compact 8-11 Pin Commercial Relay Bases
More results

Similar Description - CS113A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7142-2A NEC-PS7142-2A Datasheet
44Kb / 7P
8 PIN DIP SOLID STATE RELAY
PS7241-AT1 NEC-PS7241-AT1 Datasheet
69Kb / 8P
8-PIN SOP SOLID STATE RELAY
PS7111-2A NEC-PS7111-2A_01 Datasheet
50Kb / 6P
8 PIN DIP SOLID STATE RELAY
logo
Systemsensor advanced i...
B224RB SYSTEMSENSOR-B224RB Datasheet
112Kb / 2P
Intelligent Relay and Isolator Bases
logo
Clare, Inc.
CPC2017N CLARE-CPC2017N Datasheet
116Kb / 5P
8-Pin Dual SOIC OptoMOS짰 Relay
logo
API Technologies Corp
OTL23100031 APITECH-OTL23100031 Datasheet
31Kb / 1P
OUTLINE DRAWING FP-11 8 PIN FLATPACK
logo
Solid State Optronic
SM8024 SSOUSA-SM8024 Datasheet
240Kb / 7P
Compact 8 pin DIP/SMD package
logo
Littelfuse
ALT LITTELFUSE-ALT Datasheet
234Kb / 2P
8-pin Plug-in Alternating Relay
2019 Rev: 2-C-043019
logo
CamdenBoss Ltd.
CRBC35 CAMDENBOSS-CRBC35 Datasheet
265Kb / 1P
1 & 2 Pole PCB Mounting Relay Bases
CS113A CAMDENBOSS-CS113A Datasheet
339Kb / 1P
Compact 8-11 Pin Commercial Relay Bases
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com