Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2S080 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # C2S080
Description  1 & 2 Pole PCB Mounting Relay Bases
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

C2S080 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  C2S080 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCb
terminal
bloCks
inter-
ConneCtion
fuses &
fuse-
holders
leds &
indiCators
miniature
switChes
limit &
safety
switChes
Control
ProduCts
interfaCe
modules &
suPPorts
relay
bases
enClosures
batteries
trans-
formers
relay bases
+44 (0)1638 716101
info@camdenboss.com
www.camdenboss.com
We operate a constant improvement policy,
our products are subject to change without notice.
174
E L E C T RO N I C S & E NC LO S UR E S
Ver 1.0
1 & 2 Pole PCb Mounting relay bases
• Compact 1 or 2 pole versions
• PCB mounting
• 2.54-5.08mm x 7.62mm pitch
• 3 sizes of fixing clip to suit
popular relay sizes in metal
and plastic
sPeCifiCation
Rating
Dielectric strength
Moulding
Contacts
10A/300VAC
>5kV
UL94-V1 self extinguishing glass filled PA6
6µ nickel plated brass
tyPe no.
CRBC25
CRBC32
CRBC35
CRBC50
CRBC5
CRCMH16-2
CRCMH20-2
CRCMH25-2
CRCMP12-2
Poles
1
1
1
2
1
CrbC
size
2.5mm
3.2mm
3.5mm
5.08mm
5.04mm
Metal
Metal
Metal
Plastic
2 Pole PCb Mounting Commercial relay bases
• 5.0mmx7.5mm pitch
• PCB mounting
• Anti solder wicking pins
• Solid pins for improved
solderability
• Metal clip in 3 heights to order
•
approved
sPeCifiCation
Rating
Dielectric strength
Working temperature
Moulding
Contacts
Insertion force
12A/250VAC
>2.5kV
-25ºC +70ºC
UL94-V1 self extinguishing glass filled PP0
6µ tin plated brass
100N max
tyPe no.
C2S080
DesCriPtion
2 pole base
C2s080
Retaining Clip option
CRCMP16-2
Plastic


Similar Part No. - C2S080

ManufacturerPart #DatasheetDescription
logo
ABB
C2SS1-10B-10 ABB-C2SS1-10B-10 Datasheet
2Mb / 24P
Pilot devices The core offering
2016
C2SS1-10B-11 ABB-C2SS1-10B-11 Datasheet
2Mb / 24P
Pilot devices The core offering
2016
C2SS1-10B-20 ABB-C2SS1-10B-20 Datasheet
2Mb / 24P
Pilot devices The core offering
2016
C2SS1-10R-11 ABB-C2SS1-10R-11 Datasheet
43Kb / 2P
SELECTOR SWITCH#C2SS1-10R-11
C2SS2-10B-10 ABB-C2SS2-10B-10 Datasheet
2Mb / 24P
Pilot devices The core offering
2016
More results

Similar Description - C2S080

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC372 PICKER-PC372 Datasheet
167Kb / 2P
10 Amp Minature 2 Pole PCB Power Relay
logo
Systemsensor advanced i...
B224RB SYSTEMSENSOR-B224RB Datasheet
112Kb / 2P
Intelligent Relay and Isolator Bases
logo
Schurter Inc.
DA22 SCHURTER-DA22 Datasheet
903Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
DD21 SCHURTER-DD21 Datasheet
544Kb / 3P
IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole, for PCB mounting
DD22 SCHURTER-DD22 Datasheet
712Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole, for PCB Mounting
logo
Tyco Electronics
V23101-D0101-A201 MACOM-V23101-D0101-A201 Datasheet
1Mb / 13P
1 pole PCB relay, non-polarized
logo
Schurter Inc.
DD22 SCHURTER-DD22_17 Datasheet
539Kb / 6P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole, for PCB Mounting
DD21 SCHURTER-DD21_18 Datasheet
435Kb / 5P
IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole, for PCB mounting
DD22 SCHURTER-DD22_V01 Datasheet
559Kb / 6P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole, for PCB Mounting
04.01.2022
DD21 SCHURTER-DD21_V01 Datasheet
449Kb / 5P
IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole, for PCB mounting,
08.12.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com