Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCU3C/CL Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CCU3C/CL
Description  Camcirc cable clamps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CCU3C/CL Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CCU3C/CL Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
152
DIECAST
ACCESSORIES
PCB TERMINAL
BLOCKS
0 02
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
CIRCULAR C ONNECT ORS
158
INTERFACE
MODULES AND
RELAY BASES
PL UGS
SOCKET S
AC CES SORIES
FM 28614
Camcir c cable clamps
Pr oduct o v ervie w
• Required for plugs and cable mount
sockets (see pages for detail)
• Shielded IP68 environmental option
• Shielded Non IP option
• Un-shielded non IP version available
on request
• Various cable size options 2.6 -
8.7mm
Environmental
Environmental
Shielded
Shielded
PART NO.
DESCRIPTION
CABLE DIAMETER RANGE
TYPE
FIT S SIZE
CCU1C/AG
CLAMP SET, CIRCULAR CONN, 102
4.3 - 4.7mm
Shielded
CCA1 / CCS1 / CCT1
CCW1C/AC
CLAMP SET, CIRCULAR CONN, 102
2.6 - 3.1mm
Shielded
CCA1 / CCS1 / CCT1
CCW1C/AD
CLAMP SET, CIRCULAR CONN, 102
3.1 - 3.6mm
Shielded
CCA1 / CCS1 / CCT1
CCW1C/AE
CLAMP SET, CIRCULAR CONN, 102
3.6 - 4.1mm
Shielded
CCA1 / CCS1 / CCT1
CCW1C/AF
CLAMP SET, CIRCULAR CONN, 102
4.1 - 4.3mm
Shielded
CCA1 / CCS1 / CCT1
CCV2C/AJ
CLAMP SET, CIRCULAR CONN, 103
5.7 - 6.2mm
Shielded
CCA2 / CCT2
CCV2C/AK
CLAMP SET, CIRCULAR CONN, 103
6.2 - 6.7mm
Shielded
CCA2 / CCT2
CCU4C/AK
CLAMP SET, CIRCULAR CONN, 104
5.7 - 6.7mm
Shielded
CCA4
CCU4C/AN
CLAMP SET, CIRCULAR CONN, 104
6.7 - 7.7mm
Shielded
CCA4
CCU4C/AQ
CLAMP SET, CIRCULAR CONN, 104
7.7 - 8.7mm
Shielded
CCA4
Shielded clamp
PART NO.
DESCRIPTION
CABLE DIAMETER RANGE
TYPE
SIZE
CCV1C/CC
CLAMP SET, IP68, 102
2.6 - 3.1mm
Environmental
CCA1 / CCS1 / CCT1
CCV1C/CD
CLAMP SET, IP68, 102
3.1 - 3.6mm
Environmental
CCA1 / CCS1 / CCT1
CCV1C/CE
CLAMP SET, IP68, 102
3.6 - 4.1mm
Environmental
CCA1 / CCS1 / CCT1
CCV1C/CF
CLAMP SET, IP68, 102
4.1 - 4.3mm
Environmental
CCA1 / CCS1 / CCT1
CCV2C/CE
CLAMP SET, IP68, 103
3.7 - 4.2mm
Environmental
CCA2 / CCT2
CCV2C/CG
CLAMP SET, IP68, 103
4.2 - 4.7mm
Environmental
CCA2 / CCT2
CCV2C/CH
CLAMP SET, IP68, 103
4.7 - 5.2mm
Environmental
CCA2 / CCT2
CCV2C/CI
CLAMP SET, IP68, 103
5.2 - 5.7mm
Environmental
CCA2 / CCT2
CCV2C/CJ
CLAMP SET, IP68, 103
5.7 - 6.2mm
Environmental
CCA2 / CCT2
CCU3C/CJ
CLAMP SET, IP68, 1031
5.7 - 6.2mm
Environmental
CCA3
CCU3C/CL
CLAMP SET, IP68, 1031
6.2 - 6.7mm
Environmental
CCA3
CCU4C/CK
CLAMP SET, IP68, 104
5.7- 6.7mm
Environmental
CCA4
CCU4C/CN
CLAMP SET, IP68, 104
6.7- 7.7mm
Environmental
CCA4
CCU4C/CQ
CLAMP SET, IP68, 104
7.7 - 8.7mm
Environmental
CCA4
En vir onment clamp


Similar Part No. - CCU3C/CL

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CCU3C/CL CAMDENBOSS-CCU3C/CL Datasheet
276Kb / 1P
Push-pull connectors cable mounted plug CCA3 series
More results

Similar Description - CCU3C/CL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL-3 ETC1-AL-3 Datasheet
49Kb / 1P
CABLE CLAMPS ALUMINUM
8092 ETC2-8092 Datasheet
104Kb / 2P
CABLE CLAMPS AND TIES
N-4B-BK ETC-N-4B-BK Datasheet
94Kb / 1P
CABLE CLAMPS, NB SERIES
561-16A0062 ETC2-561-16A0062 Datasheet
77Kb / 2P
Miniature Cable Clamps
561-37B0125 ETC2-561-37B0125 Datasheet
146Kb / 2P
Standard Cable Clamps
561-50C0125 ETC2-561-50C0125 Datasheet
146Kb / 2P
Heavy Duty Cable Clamps
561-B0125 ETC2-561-B0125 Datasheet
162Kb / 1P
Heavy Duty Cable Clamps
EPD-200927 ETC2-EPD-200927 Datasheet
162Kb / 1P
Heavy Duty Cable Clamps
logo
OEN India Limited
04-ACC10 OENINDIA-04-ACC10 Datasheet
2Mb / 1P
Nylon Cable Clamps, Adjustable
04-CCL125X OENINDIA-04-CCL125X Datasheet
39Kb / 1P
Nylon Cable Clamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com