Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTBP381/6 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CSTBP381/6
Description  3.81mm screwless terminal blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CSTBP381/6 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CSTBP381/6 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
84
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
S TANDARD
PL UGGABLES
SCREWLES S
PCB TERMINAL
BLOCKS
0 02
3.81mm scr e wles s t erminal blocks
Pr oduct o v ervie w
• Interlocking modules
• Easily breakable to desired number of
poles
• Guided pin alignment
• Moulded in green UL94-V0 PA66
• 0.5-2.5mm2 cable (20-14AWG)
• C
US
approved
SPECIFICATION
Rating
10A/300V
Insulation withstand voltage
AC2000V/1 min
Insulation resistance
500MΩ at DC500V
Operating temperature
-40°C to +115°C
Moulding
UL94-V0 PA66
Pin/contact
Tin plated brass
Recommended PCB hole size
1.2mm
CSTBP381
PART NO.
POLES
LENG TH
CSTBP381/2
2
9.2mm
CSTBP381/3
3
13.0mm
CSTBP381/4
4
16.8mm
CSTBP381/5
5
20.7mm
CSTBP381/6
6
24.5mm
CSTBP381/7
7
28.3mm
CSTBP381/8
8
32.1mm
CSTBP381/9
9
35.9mm
CSTBP381/10
10
39.7mm
CSTBP381/11
11
43.5mm
CSTBP381/12
12
47.3mm
Ø1.20
3.81
3.81x(N-1)
PCB LAYOUT
3.81xN+1.60
12.60
0.80
3.15
5.00
3.81x(N-1)
3.81
0.40
KEY FEATURES
Dual r o w pins | Scr e wles s actua t ed cage t erminals | Modular design
Vers 2


Similar Part No. - CSTBP381/6

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CSTBP254H CAMDENBOSS-CSTBP254H Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP254H/10 CAMDENBOSS-CSTBP254H/10 Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP254H/10 CAMDENBOSS-CSTBP254H/10 Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP254H/11 CAMDENBOSS-CSTBP254H/11 Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP254H/11 CAMDENBOSS-CSTBP254H/11 Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
More results

Similar Description - CSTBP381/6

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB41-2 DUBILIER-DBCTB41-2 Datasheet
98Kb / 1P
TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
DBCTB702 DUBILIER-DBCTB702 Datasheet
294Kb / 2P
TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
logo
CamdenBoss Ltd.
CSTBP254H CAMDENBOSS-CSTBP254H Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP254V CAMDENBOSS-CSTBP254V Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP45VDA CAMDENBOSS-CSTBP45VDA Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP500 CAMDENBOSS-CSTBP500 Datasheet
346Kb / 1P
5mm screwless terminal blocks
CSTBP508H CAMDENBOSS-CSTBP508H Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP508V CAMDENBOSS-CSTBP508V Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP762H CAMDENBOSS-CSTBP762H Datasheet
467Kb / 1P
7.62mm screwless terminal blocks
CSTBP762V CAMDENBOSS-CSTBP762V Datasheet
467Kb / 1P
7.62mm screwless terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com