Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTBP508H/5 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CSTBP508H/5
Description  5 .08mm screwless terminal blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CSTBP508H/5 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CSTBP508H/5 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
88
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
S TANDARD
PL UGGABLES
SCREWLES S
PCB TERMINAL
BLOCKS
0 02
5. 08mm scr e wles s t erminal blocks
Pr oduct o v ervie w
• Interlocking modules
• Easily breakable to desired number of poles
• Guided pin alignment
• Choice of vertical or horizontal cable entry
• Moulded in green UL94-V0 PA66
• 0.34-2.5mm2 cable (22-14AWG)
• C
US
approved
SPECIFICATION
Rating
10A/300V
Insulation withstand voltage
AC2500V/1 min
Insulation resistance
500MΩ at DC500V
Operating temperature
-40°C to +115°C
Moulding
UL94-V0 PA66
Pin/contact
Tin plated brass
Recommended PCB hole size
1.2mm
CSTBP508V
PART NO.
POLES
LENG TH
CSTBP508V/2
2
12.7mm
CSTBP508V/3
3
17.8mm
CSTBP508V/4
4
22.9mm
CSTBP508V/5
5
27.9mm
CSTBP508V/6
6
33.0mm
CSTBP508V/7
7
38.1mm
CSTBP508V/8
8
43.2mm
CSTBP508V/9
9
48.3mm
CSTBP508V/10
10
53.3mm
CSTBP508V/11
11
58.4mm
CSTBP508V/12
12
63.5mm
CSTBP508H
PART NO.
POLES
LENG TH
CSTBP508H/2
2
12.7mm
CSTBP508H/3
3
17.8mm
CSTBP508H/4
4
22.9mm
CSTBP508H/5
5
27.9mm
CSTBP508H/6
6
33.0mm
CSTBP508H/7
7
38.1mm
CSTBP508H/8
8
43.2mm
CSTBP508H/9
9
48.3mm
CSTBP508H/10
10
53.3mm
CSTBP508H/11
11
58.4mm
CSTBP508H/12
12
63.5mm
5.08xN+2.54
7.62
0.50
Ø2.20
5.08x(N-1)
5.08x(N-1)
Ø1.20
3.15
5.08
1.00
5.08
7.62
1.05
Ø2.20
5.08x(N-1)
5.08
0.50
5.08x(N-1)
Ø1.20
5.08
PCB LAYOUT
5.08xN+2.54
KEY FEATURES
Dual r o w pins | Vertical or horiz ontal cable entry | Modular design
Vers 2


Similar Part No. - CSTBP508H/5

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CSTBP508H/5 CAMDENBOSS-CSTBP508H/5 Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
More results

Similar Description - CSTBP508H/5

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CSTBP508V CAMDENBOSS-CSTBP508V Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP9208 CAMDENBOSS-CSTBP9208 Datasheet
462Kb / 1P
5 .08mm pitch pluggable screwless terminal blocks
CTBP92VJ CAMDENBOSS-CTBP92VJ Datasheet
906Kb / 2P
5 .08mm pitch pluggable rising clamp terminal blocks
CTBP0108 CAMDENBOSS-CTBP0108 Datasheet
388Kb / 1P
5 .08mm pitch standard profile rising clamp terminal blocks
CTBP97VJ CAMDENBOSS-CTBP97VJ Datasheet
912Kb / 2P
5 .08mm inverted/reverse terminal blocks
CTBP3008 CAMDENBOSS-CTBP3008 Datasheet
226Kb / 1P
5 .08mm 45° rising clamp terminal blocks
CTBP9208 CAMDENBOSS-CTBP9208 Datasheet
906Kb / 2P
5 .08mm pitch pluggable rising clamp terminal blocks
CTBP9308 CAMDENBOSS-CTBP9308 Datasheet
906Kb / 2P
5 .08mm pitch pluggable rising clamp terminal blocks
CTBP9358 CAMDENBOSS-CTBP9358 Datasheet
906Kb / 2P
5 .08mm pitch pluggable rising clamp terminal blocks
CTBPDDVJ CAMDENBOSS-CTBPDDVJ Datasheet
403Kb / 1P
5 .08mm double decker rising clamp terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com