Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP07VL/4 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CTBP07VL/4
Description  7.62mm pitch high power rising clamp terminal blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBP07VL/4 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CTBP07VL/4 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCB TERMINAL
BLOCKS
0 02
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
44
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
PL UGGABLES
SCREWLES S
PL UGGABLES
SCREWLES S
S TANDARD
7.62mm pit ch high po w er rising
clamp t erminal blocks
Pr oduct o v ervie w
• 2 and 3 pole double interlocking mechanism
for increased strength
• 4-12 pole pre-assembled
• Moulded in green UL94-V0 flame retardant
PA
• Cable acceptance - 0.13-3.31mm2 (26-
12AWG)
• Professional rising clamp terminals
• Guided pin alignment
• Captive screws
• C
US
approved
SPECIFICATION
Rating
20A / 300V
Withstand voltage
AC1600V / 1min
Working temperature
-40°C to +105°C
Moulding
UL94-V0 flame retardant PA66
Pin/terminal
Tinned, nickel plated brass
Rising clamp
Tinned, nickel plated brass
Screw/torque
M3 steel, zinc plated / 0.5Nm
Recommended PCB
hole size
Ø1.5mm
PART NO.
POLES
LENG TH
CTBP07VL/2
2
15.24mm
CTBP07VL/3
3
22.86mm
CTBP07VL/4
4
30.48mm
CTBP07VL/5
5
38.1mm
CTBP07VL/6
6
45.72mm
CTBP07VL/7
7
53.34mm
CTBP07VL/8
8
60.96mm
CTBP07VL/9
9
68.58mm
CTBP07VL/10
10
76.2mm
CTBP07VL/11
11
83.82mm
CTBP07VL/12
12
91.44mm
KEY FEATURES
High po w er | Double int erlock mechanism | Rising clamp t erminals
CTBP07VL
Section A-A
7.62
4.31
7.62(XX-1)
0.05
0.05
7.62XX
1.00
7.62
4.31
7.62(XX-1)
5.50
0.80


Similar Part No. - CTBP07VL/4

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP07VK CAMDENBOSS-CTBP07VK Datasheet
368Kb / 1P
7.5mm high power vertical rising clamp terminal blocks
CTBP07VK/10 CAMDENBOSS-CTBP07VK/10 Datasheet
368Kb / 1P
7.5mm high power vertical rising clamp terminal blocks
CTBP07VK/11 CAMDENBOSS-CTBP07VK/11 Datasheet
368Kb / 1P
7.5mm high power vertical rising clamp terminal blocks
CTBP07VK/12 CAMDENBOSS-CTBP07VK/12 Datasheet
368Kb / 1P
7.5mm high power vertical rising clamp terminal blocks
CTBP07VK/2 CAMDENBOSS-CTBP07VK/2 Datasheet
368Kb / 1P
7.5mm high power vertical rising clamp terminal blocks
More results

Similar Description - CTBP07VL/4

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP01HL CAMDENBOSS-CTBP01HL Datasheet
378Kb / 1P
7.62mm standard profile 90° rising clamp terminal blocks
CTBP04VY CAMDENBOSS-CTBP04VY Datasheet
420Kb / 1P
6.35mm pitch high power rising clamp terminal blocks
CTBP04VZ CAMDENBOSS-CTBP04VZ Datasheet
408Kb / 1P
9.5mm pitch high power rising clamp terminal blocks
CTBP07VK CAMDENBOSS-CTBP07VK Datasheet
368Kb / 1P
7.5mm high power vertical rising clamp terminal blocks
CTBP0118 CAMDENBOSS-CTBP0118 Datasheet
367Kb / 1P
7.62mm standard profile vertical rising clamp terminal blocks
CTBP0708 CAMDENBOSS-CTBP0708 Datasheet
379Kb / 1P
5 .08mm pitch high power rising clamp terminal blocks
CTBP2054 CAMDENBOSS-CTBP2054 Datasheet
536Kb / 1P
2.54mm pitch rising clamp terminal blocks
CTBP9408 CAMDENBOSS-CTBP9408 Datasheet
747Kb / 2P
7.62mm pitch pluggable rising clamp terminal blocks
CTBP9508 CAMDENBOSS-CTBP9508 Datasheet
745Kb / 2P
7.62mm pitch pluggable rising clamp terminal blocks
CTBP9558 CAMDENBOSS-CTBP9558 Datasheet
745Kb / 2P
7.62mm pitch pluggable rising clamp terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com